| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 844 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 844 Page - Renesas Technology Corp |
|
844 / 1376 page ![]() Section 14 Watchdog Timer (WDT) Rev. 1.00 Sep. 19, 2008 Page 814 of 1342 REJ09B0467-0100 Overflow Interrupt control WOVI (interrupt request signal) Internal reset signal * WDTOVF Reset control RSTCSR TCNT TSCR φ/2 φ/64 φ/128 φ/512 φ/2048 φ/8192 φ/32768 φ/131072 Clock Clock select Internal clock sources Bus interface Module bus TCSR TCNT RSTCSR Note: * An internal reset signal can be generated by the register setting. : Timer control/status register : Timer counter : Reset control/status register WDT Legend: Figure 14.1 Block Diagram of WDT 14.2 Input/Output Pin Table 14.1 shows the WDT pin configuration. Table 14.1 Pin Configuration Name Symbol I/O Function Watchdog timer overflow WDTOVF Output Outputs counter overflow signal in watchdog timer mode |