công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2456 bảng dữ liệu(PDF) 845 Page - Renesas Technology Corp

tên linh kiện H8S/2456
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2456 bảng dữ liệu(HTML) 845 Page - Renesas Technology Corp

Back Button H8S/2456 Datasheet HTML 841Page - Renesas Technology Corp H8S/2456 Datasheet HTML 842Page - Renesas Technology Corp H8S/2456 Datasheet HTML 843Page - Renesas Technology Corp H8S/2456 Datasheet HTML 844Page - Renesas Technology Corp H8S/2456 Datasheet HTML 845Page - Renesas Technology Corp H8S/2456 Datasheet HTML 846Page - Renesas Technology Corp H8S/2456 Datasheet HTML 847Page - Renesas Technology Corp H8S/2456 Datasheet HTML 848Page - Renesas Technology Corp H8S/2456 Datasheet HTML 849Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 845 / 1376 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 1.00 Sep. 19, 2008 Page 815 of 1342
REJ09B0467-0100
14.3
Register Descriptions
The WDT has the following three registers. To prevent accidental overwriting, TCSR, TCNT, and
RSTCSR have to be written to in a method different from normal registers. For details, refer to
section 14.6.1, Notes on Register Access.
•
Timer counter (TCNT)
•
Timer control/status register (TCSR)
•
Reset control/status register (RSTCSR)
14.3.1
Timer Counter (TCNT)
TCNT is an 8-bit readable/writable up-counter. TCNT is initialized to H'00 when the TME bit in
TCSR is cleared to 0.
14.3.2
Timer Control/Status Register (TCSR)
TCSR selects the clock source to be input to TCNT, and the timer mode.
Bit
Bit Name
Initial Value
R/W
Description
7
OVF
0
R/(W)*
Overflow Flag
Indicates that TCNT has overflowed in interval
timer mode. Only a write of 0 is permitted, to clear
the flag.
[Setting condition]
When TCNT overflows in interval timer mode
(changes from H'FF to H'00)
When internal reset request generation is selected
in watchdog timer mode, OVF is cleared
automatically by the internal reset.
[Clearing conditions]
Cleared by reading TCSR when OVF = 1, then
writing 0 to OVF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More