| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2456 bảng dữ liệu(PDF) 850 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2456 bảng dữ liệu(HTML) 850 Page - Renesas Technology Corp |
|
850 / 1376 page ![]() Section 14 Watchdog Timer (WDT) Rev. 1.00 Sep. 19, 2008 Page 820 of 1342 REJ09B0467-0100 TCNT count H'00 Time H'FF WT/ IT=0 TME=1 WOVI Overflow Overflow Overflow Overflow Legend: WOVI: Interval timer interrupt request generation WOVI WOVI WOVI Figure 14.3 Operation in Interval Timer Mode 14.5 Interrupt Source During interval timer mode operation, an overflow generates an interval timer interrupt (WOVI). The interval timer interrupt is requested whenever the OVF flag is set to 1 in TCSR. OVF must be cleared to 0 in the interrupt handling routine. Table 14.2 WDT Interrupt Source Name Interrupt Source Interrupt Flag DTC Activation WOVI TCNT overflow OVF Impossible |