công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS72011RB120FPV bảng dữ liệu(PDF) 135 Page - Renesas Technology Corp

tên linh kiện DS72011RB120FPV
Giải thích chi tiết về linh kiện  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV bảng dữ liệu(HTML) 135 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 131Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 132Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 133Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 134Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 135Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 136Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 137Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 138Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 1196 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 07, 2007 Page 107 of 1164
REJ09B0321-0200
5.7
Exceptions Triggered by Instructions
5.7.1
Types of Exceptions Triggered by Instructions
Exception handling can be triggered by trap instructions, general illegal instructions, slot illegal
instructions, and integer division exceptions, as shown in table 5.10.
Table 5.10
Types of Exceptions Triggered by Instructions
Type
Source Instruction
Comment
Trap instruction
TRAPA
Slot illegal
instructions
Undefined code placed
immediately after a delayed
branch instruction (delay slot),
instructions that rewrite the PC,
32-bit instructions, RESBANK
instruction, DIVS instruction, and
DIVU instruction
Delayed branch instructions: JMP, JSR,
BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF,
BRAF
Instructions that rewrite the PC: JMP, JSR,
BRA, BSR, RTS, RTE, BT, BF, TRAPA,
BF/S, BT/S, BSRF, BRAF, JSR/N, RTV/N
32-bit instructions: BAND.B, BANDNOT.B,
BCLR.B, BLD.B, BLDNOT.B, BOR.B,
BORNOT.B, BSET.B, BST.B, BXOR.B,
MOV.B@disp12, MOV.W@disp12,
MOV.L@disp12, MOVI20, MOVI20S,
MOVU.B, MOVU.W.
General illegal
instructions
Undefined code anywhere
besides in a delay slot
Division by zero
DIVU, DIVS
Integer division
exceptions
Negative maximum value
÷ (−1)
DIVS
Floating-point
operation
instruction
Instructions that cause disabled
operation exception defined by
IEEE754 standard or division
exception by zero. Instructions
that could cause overflow,
underflow, or imprecise
exception.
FADD, FSUB, FMUL, FDIV, FMAC,
FCMP/EQ, FCMP/GT, FLOAT, FTRC,
FCNVDS, FCNVSD, FSQRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More