công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30623SC bảng dữ liệu(PDF) 125 Page - Renesas Technology Corp

tên linh kiện M30623SC
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC bảng dữ liệu(HTML) 125 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 121Page - Renesas Technology Corp M30623SC Datasheet HTML 122Page - Renesas Technology Corp M30623SC Datasheet HTML 123Page - Renesas Technology Corp M30623SC Datasheet HTML 124Page - Renesas Technology Corp M30623SC Datasheet HTML 125Page - Renesas Technology Corp M30623SC Datasheet HTML 126Page - Renesas Technology Corp M30623SC Datasheet HTML 127Page - Renesas Technology Corp M30623SC Datasheet HTML 128Page - Renesas Technology Corp M30623SC Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 231 page
background image
S I/O3, 4
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
124
Table 1.14.12. Specifications of S I/O3, 4
Note 1: n is a value from 0016 through FF16 set in the S I/Oi transfer rate register (i = 3, 4).
Note 2: With the external clock selected:
• Before data can be written to the SI/Oi transmit/receive register (addresses 036016, 036416), the
CLKi pin input must be in the high state. Also, before rewriting the SI/Oi Control Register (addresses
036216, 036616)’s bit 7 (SOUTi initial value set bit), make sure the CLKi pin input is held high.
• The S I/Oi circuit keeps on with the shift operation as long as the synchronous clock is entered in it,
so stop the synchronous clock at the instant when it counts to eight. The internal clock, if selected,
automatically stops.
Note 3: If the internal clock is used for the synchronous clock, the transfer clock signal stops at the “H” state.
Note 4: SI/O3 is provided with no connection to the external pin, so is used exclusively for transmission.
Item
Transfer data format
Transfer clock
Conditions for
transmission/
reception start
Interrupt request
generation timing
Select function
Precaution
Specifications
• Transfer data length: 8 bits
• With the internal clock selected (bit 6 of 036216, 036616 = “1”): f1/2(ni+1),
f8/2(ni+1), f32/2(ni+1) (Note 1)
• With the external clock selected (bit 6 of 036216, 036616 = 0):Input from the CLKi terminal (Note 2)
• To start transmit/reception, the following requirements must be met:
- Select the synchronous clock (use bit 6 of 036216, 036616).
Select a frequency dividing ratio if the internal clock has been selected (use bits
0 and 1 of 036216, 036616).
- SOUTi initial value set bit (use bit 7 of 036216, 036616)= 1.
- S I/Oi port select bit (bit 3 of 036216, 036616) = 1.
- Select the transfer direction (use bit 5 of 036216, 036616)
-Write transfer data to SI/Oi transmit/receive register (036016, 036416)
• To use S I/Oi interrupts, the following requirements must be met:
- Clear the SI/Oi interrupt request bit before writing transfer data to the SI/Oi
transmit/receive register (bit 3 of 004916, 004816) = 0.
• Rising edge of the last transfer clock. (Note 3)
• LSB first or MSB first selection
Whether transmission/reception begins with bit 0 (LSB) or bit 7 (MSB) can be
selected.
• Function for setting an SOUTi initial value selection
When using an external clock for the transfer clock, the user can choose the
SOUTi pin output level during a non-transfer time. For details on how to set, see
Figure 1.14.33.
• Unlike UART0–2, SI/Oi (i = 3, 4) is not divided for transfer register and buffer.
Therefore, do not write the next transfer data to the SI/Oi transmit/receive register
(addresses 036016, 036416) during a transfer. When the internal clock is selected
for the transfer clock, SOUTi holds the last data for a 1/2 transfer clock period after
it finished transferring and then goes to a high-impedance state. However, if the
transfer data is written to the SI/Oi transmit/receive register (addresses 036016,
036416) during this time, SOUTi is placed in the high-impedance state immediately
upon writing and the data hold time is thereby reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com