công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30623SC bảng dữ liệu(PDF) 108 Page - Renesas Technology Corp

tên linh kiện M30623SC
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC bảng dữ liệu(HTML) 108 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 104Page - Renesas Technology Corp M30623SC Datasheet HTML 105Page - Renesas Technology Corp M30623SC Datasheet HTML 106Page - Renesas Technology Corp M30623SC Datasheet HTML 107Page - Renesas Technology Corp M30623SC Datasheet HTML 108Page - Renesas Technology Corp M30623SC Datasheet HTML 109Page - Renesas Technology Corp M30623SC Datasheet HTML 110Page - Renesas Technology Corp M30623SC Datasheet HTML 111Page - Renesas Technology Corp M30623SC Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 231 page
background image
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Clock asynchronous serial I/O (UART) mode
107
Figure 1.14.17. Typical transmit timings in UART mode(UART2)
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
Start
bit
Parity
bit
Cleared to “0” when interrupt request is accepted, or cleared by software
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
Tc
SP
Stop
bit
Data is set in UART2 transmit buffer register
Transferred from UART2 transmit buffer register to UARTi transmit register
SP
Transmit enable
bit(TE)
Transmit buffer
empty flag(TI)
Transmit register
empty flag (TXEPT)
“0”
“1”
“0”
“1”
“0”
“1”
Transmit interrupt
request bit (IR)
“0”
“1”
Transfer clock
TxD2
The above timing applies to the following settings :
• Parity is enabled.
• One stop bit.
• Transmit interrupt cause select bit = “1”.
Tc = 16 (n + 1) / fi
fi : frequency of BRG2 count source (f1, f8, f32)
n : value set to BRG2
Shown in ( ) are bit symbols.
Note
Note: The transmit is started with overflow timing of BRG after having written in a value at the transmit buffer in the above timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com