công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30623SC bảng dữ liệu(PDF) 102 Page - Renesas Technology Corp

tên linh kiện M30623SC
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC bảng dữ liệu(HTML) 102 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 98Page - Renesas Technology Corp M30623SC Datasheet HTML 99Page - Renesas Technology Corp M30623SC Datasheet HTML 100Page - Renesas Technology Corp M30623SC Datasheet HTML 101Page - Renesas Technology Corp M30623SC Datasheet HTML 102Page - Renesas Technology Corp M30623SC Datasheet HTML 103Page - Renesas Technology Corp M30623SC Datasheet HTML 104Page - Renesas Technology Corp M30623SC Datasheet HTML 105Page - Renesas Technology Corp M30623SC Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 231 page
background image
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Clock synchronous serial I/O mode
101
(c) Transfer clock output from multiple pins function (UART1)
This function allows the setting two transfer clock output pins and choosing one of the two to output a
clock by using the CLK and CLKS select bit (bits 4 and 5 at address 03B016). (See Figure 1.14.3.)
The multiple pins function is valid only when the internal clock is selected for UART1. Note that when
_______ _______
this function is selected, UART1 CTS/RTS function cannot be used.
Figure 1.14.13. The transfer clock output from the multiple pins function usage
Microcomputer
TXD1 (P67)
CLKS1 (P64)
CLK1 (P65)
IN
CLK
IN
CLK
Note: This applies when the internal clock is selected and transmission
is performed only in clock synchronous serial I/O mode.
(d) Continuous receive mode
If the continuous receive mode enable bit (bits 2 and 3 at address 03B016, bit 5 at address 037D16) is
set to “1”, the unit is placed in continuous receive mode. In this mode, when the receive buffer register
is read out, the unit simultaneously goes to a receive enable state without having to set dummy data to
the transmit buffer register back again.
_______ _______
(e) Separate CTS/RTS pins function (UART0)
This function works the same way as in the clock asynchronous serial I/O (UART) mode. The method
of setting and the input/output pin functions are both the same, so refer to select function in the next
section, “(2) Clock asynchronous serial I/O (UART) mode.” Note that this function is invalid if the
transfer clock output from the multiple pins function is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com