công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38B73F2 bảng dữ liệu(PDF) 107 Page - Renesas Technology Corp

tên linh kiện M38B73F2
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B73F2 bảng dữ liệu(HTML) 107 Page - Renesas Technology Corp

Back Button M38B73F2 Datasheet HTML 102Page - Renesas Technology Corp M38B73F2 Datasheet HTML 103Page - Renesas Technology Corp M38B73F2 Datasheet HTML 104Page - Renesas Technology Corp M38B73F2 Datasheet HTML 105Page - Renesas Technology Corp M38B73F2 Datasheet HTML 106Page - Renesas Technology Corp M38B73F2 Datasheet HTML 107Page - Renesas Technology Corp M38B73F2 Datasheet HTML 108Page - Renesas Technology Corp M38B73F2 Datasheet HTML 109Page - Renesas Technology Corp M38B73F2 Datasheet HTML 110Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 107 / 110 page
background image
106
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Table 30 Switching characteristics
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Serial I/O clock output “H” pulse width
Serial I/O clock output “L” pulse width
Serial I/O1 output delay time (Note 1)
Serial I/O1 output valid time (Note 1)
Serial I/O2 output delay time (Note 2)
Serial I/O2 output valid time (Note 2)
Serial I/O3 output delay time (Note 3)
Serial I/O3 output valid time (Note 3)
Serial I/O clock output rising time
Serial I/O clock output falling time
P-channel high-breakdodwn-voltage output
rising time (Note 4)
P-channel high-breakdodwn-voltage output
rising time (Note 5)
tWH (SCLK)
tWL (SCLK)
td (SCLK1-SOUT1)
tV (SCLK1-SOUT1)
td (SCLK2-TxD)
tV (SCLK2-TxD)
td (SCLK3-SOUT3)
tV (SCLK3-SOUT3)
tr (SCLK)
tf (SCLK)
tr (Pch–strg)
tr (Pch–weak)
Limits
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
µs
Parameter
Min.
tC(SCLK)/2–160
tC(SCLK)/2–160
0
–30
0
Typ.
55
1.8
Max.
200
140
200
40
40
Symbol
Unit
Notes 1: When the PB5/SOUT1 P-channel output disable bit of the serial I/O1 control register (bit 7 of address 001A16) is “0”.
2: When the P65/TxD P-channel output disable bit of the UART control register (bit 4 of address 003816) is “0”.
3: When the P91/SOUT3 P-channel output disable bit of the serial I/O3 control register (bit 7 of address 0EEC16) is “0”.
4: When the high-breakdown voltage port drivability selection bit of the FLDC mode register (bit 7 of address 0EF416) is “0”.
5: When the high-breakdown voltage port drivability selection bit of the FLDC mode register (bit 7 of address 0EF416) is “1”.
Test conditions
CL = 100 pF
CL = 100 pF
CL = 100 pF
CL = 100 pF
CL = 100 pF
VEE = Vcc –43 V
CL = 100 pF
VEE = Vcc –43 V
Fig. 102 Circuit for measuring output switching characteristics
P66/SCLK21,
P67/SCLK22,
P92/SCLK3,
P0, P1, P2, P3,
P4, P5, P60–P63
PB4/SCLK11
PB0/SCLK12,
CL
CL
VEE
Serial I/O clock output port
High-breakdown voltage
P-channel open-drain output port
(Note)
Note: Ports P4, P5, P60–P63 need external resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com