công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38B73F2 bảng dữ liệu(PDF) 25 Page - Renesas Technology Corp

tên linh kiện M38B73F2
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B73F2 bảng dữ liệu(HTML) 25 Page - Renesas Technology Corp

Back Button M38B73F2 Datasheet HTML 21Page - Renesas Technology Corp M38B73F2 Datasheet HTML 22Page - Renesas Technology Corp M38B73F2 Datasheet HTML 23Page - Renesas Technology Corp M38B73F2 Datasheet HTML 24Page - Renesas Technology Corp M38B73F2 Datasheet HTML 25Page - Renesas Technology Corp M38B73F2 Datasheet HTML 26Page - Renesas Technology Corp M38B73F2 Datasheet HTML 27Page - Renesas Technology Corp M38B73F2 Datasheet HTML 28Page - Renesas Technology Corp M38B73F2 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
24
Fig. 17 Block diagram of timer
XIN
1/8
P76/T3OUT
1/2
XCIN
“1”
“0”
“01”
“00”
“01”
“00”
“01”
“10”
“00”
“1”
“0”
“01”
“10”
“00”
“00”
“01”
P75/T1OUT
1/2
P83/CNTR0/CNTR2
“10”
1/2
PWM
P74/PWM1
“1”
“0”
P82/CNTR1
1/64
1/2
“11”
“11”
1/16
“10”
“10”
Internal system clock
selection bit
Timer 1 count source
selection bits
Timer 1 interrupt request
Data bus
Timer 1 latch (8)
Timer 1 (8)
FF16
Timer 1 count
stop bit
RESET
STP instruction
P75 latch
Timer 1 output selection bit
P75 direction register
Timer 2 count source
selection bits
Timer 2 latch (8)
Timer 2 (8)
Timer 2 count
stop bit
0116
Timer 3 count source
selection bits
Timer 3 latch (8)
Timer 3 (8)
Timer 3 count
stop bit
Timer 2 interrupt request
Timer 3 interrupt request
P76 latch
Rising/Falling
active edge switch
Timer 3 output selection bit
P76 direction register
Timer 4 count source
selection bits
Timer 4 latch (8)
Timer 4 (8)
Timer 4 count
stop bit
Rising/Falling
active edge switch
Timer 4 interrupt request
Timer 5 count source
selection bit
Timer 5 latch (8)
Timer 5 (8)
Timer 5 count
stop bit
Timer 5 interrupt request
P74 latch
Timer 6 output selection bit
P74 direction register
Timer 6 count source
selection bits
Timer 6 latch (8)
Timer 6 (8)
Timer 6 count
stop bit
Timer 6 PWM register (8)
Timer 6 operation
mode selection bit
Timer 6 interrupt request
CNTR0
CNTR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com