công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38B73F2 bảng dữ liệu(PDF) 24 Page - Renesas Technology Corp

tên linh kiện M38B73F2
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B73F2 bảng dữ liệu(HTML) 24 Page - Renesas Technology Corp

Back Button M38B73F2 Datasheet HTML 20Page - Renesas Technology Corp M38B73F2 Datasheet HTML 21Page - Renesas Technology Corp M38B73F2 Datasheet HTML 22Page - Renesas Technology Corp M38B73F2 Datasheet HTML 23Page - Renesas Technology Corp M38B73F2 Datasheet HTML 24Page - Renesas Technology Corp M38B73F2 Datasheet HTML 25Page - Renesas Technology Corp M38B73F2 Datasheet HTML 26Page - Renesas Technology Corp M38B73F2 Datasheet HTML 27Page - Renesas Technology Corp M38B73F2 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
23
TIMERS
8-Bit Timer
The 38B7 group has six built-in 8-bit timers : Timer 1, Timer 2, Timer
3, Timer 4, Timer 5, and Timer 6.
Each timer has the 8-bit timer latch. All timers are down-counters.
When the timer reaches “0016”, an underflow occurs with the next
count pulse. Then the contents of the timer latch is reloaded into the
timer and the timer continues down-counting. When a timer
underflows, the interrupt request bit corresponding to that timer is set
to “1”.
The count can be stopped by setting the stop bit of each timer to “1”.
The internal system clock can be set to either the high-speed mode
or low-speed mode with the CPU mode register. At the same time,
the timer internal count source is switched to either f(XIN) or f(XCIN).
qTimer 1, Timer 2
The count sources of timer 1 and timer 2 can be selected by setting
the timer 12 mode register. A rectangular waveform of timer 1 under-
flow signal divided by 2 can be output from the P75/T1OUT pin. The
active edge of the external clock CNTR0 can be switched with the bit
6 of the interrupt edge selection register.
At reset or when executing the STP instruction, all bits of the timer 12
mode register are cleared to “0”, timer 1 is set to “FF16”, and timer 2
is set to “0116”.
qTimer 3, Timer 4
The count sources of timer 3 and timer 4 can be selected by setting
the timer 34 mode register. A rectangular waveform of timer 3 under-
flow signal divided by 2 can be output from the P76/T3OUT pin. The
active edge of the external clock CNTR1 can be switched with the bit
7 of the interrupt edge selection register.
qTimer 5, Timer 6
The count sources of timer 5 and timer 6 can be selected by setting
the timer 56 mode register. A rectangular waveform of timer 6 under-
flow signal divided by 2 can be output from the P74/PWM1 pin.
qTimer 6 PWM1 Mode
Timer 6 can output a PWM rectangular waveform with “H” duty cycle
n/(n+m) from the P74/PWM1 pin by setting the timer 56 mode regis-
ter (refer to Figure 18). The n is the value set in timer 6 latch (address
002516) and m is the value in the timer 6 PWM register (address
002716). If n is “0,” the PWM output is “L”, if m is “0”, the PWM output
is “H” (n = 0 is prior than m = 0). In the PWM mode, interrupts occur
at the rising edge of the PWM output.
Fig. 16 Structure of timer related registers
Timer 12 mode register
(T12M: address 002816)
Timer 1 count stop bit
0 : Count operation
1 : Count stop
Timer 2 count stop bit
0 : Count operation
1 : Count stop
Timer 1 count source selection bits
00 : f(XIN)/8 or f(XCIN)/16
01 : f(XCIN)
10 : f(XIN)/16 or f(XCIN)/32
11 : f(XIN)/64 or f(XCIN)/128
Timer 2 count source selection bits
00 : Underflow of Timer 1
01 : f(XCIN)
10 : External count input CNTR0
11 : Not available
Timer 1 output selection bit (P75)
0 : I/O port
1 : Timer 1 output
Not used (returns “0” when read)
(Do not write “1” to this bit.)
Timer 34 mode register
(T34M: address 002916)
Timer 3 count stop bit
0 : Count operation
1 : Count stop
Timer 4 count stop bit
0 : Count operation
1 : Count stop
Timer 3 count source selection bits
00 : f(XIN)/8 or f(XCIN)/16
01 : Underflow of Timer 2
10 : f(XIN)/16 or f(XCIN)/32
11 : f(XIN)/64 or f(XCIN)/128
Timer 4 count source selection bits
00 : f(XIN)/8 or f(XCIN)/16
01 : Underflow of Timer 3
10 : External count input CNTR1
11 : Not available
Timer 3 output selection bit (P76)
0 : I/O port
1 : Timer 3 output
Not used (returns “0” when read)
(Do not write “1” to this bit.)
Timer 56 mode register
(T56M: address 002A16)
Timer 5 count stop bit
0 : Count operation
1 : Count stop
Timer 6 count stop bit
0 : Count operation
1 : Count stop
Timer 5 count source selection bit
0 : f(XIN)/8 or f(XCIN)/16
1 : Underflow of Timer 4
Timer 6 operation mode selection bit
0 : Timer mode
1 : PWM mode
Timer 6 count source selection bits
00 : f(XIN)/8 or f(XCIN)/16
01 : Underflow of Timer 5
10 : Underflow of Timer 4
11 : Not available
Timer 6 (PWM) output selection bit (P74)
0 : I/O port
1 : Timer 6 output
Not used (returns “0” when read)
(Do not write “1” to this bit.)
b7
b0
b7
b0
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com