công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38B73F2 bảng dữ liệu(PDF) 61 Page - Renesas Technology Corp

tên linh kiện M38B73F2
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B73F2 bảng dữ liệu(HTML) 61 Page - Renesas Technology Corp

Back Button M38B73F2 Datasheet HTML 57Page - Renesas Technology Corp M38B73F2 Datasheet HTML 58Page - Renesas Technology Corp M38B73F2 Datasheet HTML 59Page - Renesas Technology Corp M38B73F2 Datasheet HTML 60Page - Renesas Technology Corp M38B73F2 Datasheet HTML 61Page - Renesas Technology Corp M38B73F2 Datasheet HTML 62Page - Renesas Technology Corp M38B73F2 Datasheet HTML 63Page - Renesas Technology Corp M38B73F2 Datasheet HTML 64Page - Renesas Technology Corp M38B73F2 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
60
b7 b6 b5
b4 b3
b2 b1 b0
AD/DA control register
(ADCON: address 003216)
Analoginput pin selection bits
b3b2b1b0
0 0 0 0 : PA0/AN0
0 0 0 1 : PA1/AN1
0 0 1 0 : PA2/AN2
0 0 1 1 : PA3/AN3
0 1 0 0 : PA4/AN4
0 1 0 1 : PA5/AN5
0 1 1 0 : PA6/AN6
0 1 1 1 : PA7/AN7
1 0 0 0 : P90/SIN3/AN8
1 0 0 1 : P91/SOUT3/AN9
1 0 1 0 : P92/SCLK3/AN10
1 0 1 1 : P93/SRDY3/AN11
1 1 0 0 : P94/RTP1/AN12
1 1 0 1 : P95/RTP0/AN13
1 1 1 0 : P96/PWM0/AN14
1 1 1 1 : P97/BUZ02/AN15
AD conversion completion bit
0 : Conversion in progress
1 : Conversion completed
Not used (returns “0” when read)
DA output enable bit
0 : DA output disabled
1 : DA output enabled
Not used (returns “0” when read)
AD conversion register (high-order)
(ADH: address 003416)
b7
b0
b7 b6 b5
b4
b3 b2
AD conversion register (low-order)
(ADL: address 003316)
b7
b0
b1 b0
b9 b8
Note: When reading the low-order 6 bits at address 003316,
“0” is read out.
Data bus
AVSS
A-D interrupt request
b7b0
4
AD/DA control register
Comparator
A-D control circuit
A-D conversion register (H)
(Address 003416)
(Address 003316)
Resistor ladder
PA0/AN0
PA1/AN1
PA2/AN2
PA3/AN3
PA4/AN4
PA5/AN5
PA6/AN6
PA7/AN7
P90/SIN3/AN8
P91/SOUT3/AN9
P92/SCLK3/AN10
P93/SRDY3/AN11
P94/RTP1/AN12
P95/RTP0/AN13
P96/PWM0/AN14
P97/BUZ02/AN15
A-D conversion register (L)
VREF
A-D CONVERTER
The 38B7 group has a 10-bit A-D converter. The A-D converter
performs successive approximation conversion.
[A-D Conversion Register] ADH, ADL
One of these registers is a high-order register, and the other is a
low-order register. The high-order 8 bits of a conversion result is
stored in the A-D conversion register (high-order) (address
003416), and the low-order 2 bits of the same result are stored in
bit 7 and bit 6 of the A-D conversion register (low-order) (address
003316).
During A-D conversion, do not read these registers.
[AD/DA Control Register] ADCON
This register controls A-D converter. Bits 3 to 0 are analog input
pin selection bits. Bit 4 is an AD conversion completion bit and “0”
during A-D conversion. This bit is set to “1” upon completion of A-
D conversion.
A-D conversion is started by writing “0” in this bit.
[Comparison Voltage Generator]
The comparison voltage generator divides the voltage between
AVss and VREF by 1024, and outputs the divided voltages.
[Channel Selector]
The channel selector selects one of the input ports PA7/AN7–PA0/
AN0, and P97/BUZ02/AN15 to P90/SIN3/AN8 and inputs it to the
comparator.
[Comparator and Control Circuit]
The comparator and control circuit compares an analog
inputvoltage with the comparison voltage and stores the result in
the A-D conversion register. When an A-D conversion is com-
pleted, the control circuit sets the AD conversion completion bit
and the AD conversion interrupt request bit to “1”.
Note that the comparator is constructed linked to a capacitor, so
that set f(XIN) to at least 250 kHz during A-D conversion. Addition-
ally, bit 7 of the CPU mode register (address 003B16) must be set
to “0”.
Fig. 61 Block diagram of A-D converter
Fig. 60 Structure of AD/DA control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com