công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38B73F2 bảng dữ liệu(PDF) 90 Page - Renesas Technology Corp

tên linh kiện M38B73F2
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B73F2 bảng dữ liệu(HTML) 90 Page - Renesas Technology Corp

Back Button M38B73F2 Datasheet HTML 86Page - Renesas Technology Corp M38B73F2 Datasheet HTML 87Page - Renesas Technology Corp M38B73F2 Datasheet HTML 88Page - Renesas Technology Corp M38B73F2 Datasheet HTML 89Page - Renesas Technology Corp M38B73F2 Datasheet HTML 90Page - Renesas Technology Corp M38B73F2 Datasheet HTML 91Page - Renesas Technology Corp M38B73F2 Datasheet HTML 92Page - Renesas Technology Corp M38B73F2 Datasheet HTML 93Page - Renesas Technology Corp M38B73F2 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 110 page
background image
89
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Functional Outline (serial I/O mode)
In the serial I/O mode, data is transferred synchronously with the
clock using serial input/output. The input data is read from the
SDA pin into the internal circuit synchronously with the rising edge
of the serial clock pulse; the output data is output from the SDA
pin synchronously with the falling edge of the serial clock pulse.
Data is transferred in units of eight bits.
In the first transfer, the user inputs the command code. This is fol-
lowed by address input and data input/output according to the
contents of the command. Table 20 shows the software com-
mands used in the serial I/O mode. The following explains each
software command.
Table 20 Software command (serial I/O mode)
Read
Program
Program verify
Erase
Erase verify
Error check
Number of transfers
Command
First command
code input
0016
4016
C016
2016
A016
8016
Read address L (Input)
Program address L (Input)
Verify data (Output)
2016 (Input)
Verify address L (Input)
Error code (Output)
Second
Read address H (Input)
Program address H (Input)
—————
—————
Verify address H (Input)
—————
Third
Fourth
Read data (Output)
Program data (Input)
—————
—————
Verify data (Output)
—————
q Read command
Input command code 0016 in the first transfer. Proceed and input
the low-order 8 bits and the high-order 8 bits of the address and
__
pull the OE pin low. When this is done, the M38B79FF reads out
the contents of the specified address, and then latchs it into the in-
__
ternal data latch. When the OE pin is released back high and se-
rial clock is input to the SCLK pin, the read data that has been
latched into the data latch is serially output from the SDA pin.
Fig. 92 Timings during reading
“L”
SCLK
BUSY
OE
SDA
tCH
A0
A7
A8
A15
D0
D7
tCH
tCR
Command code input (0016)
Read address input (L)
Read address input (H)
Read data output
tWR
Read
tRC
Note : When outputting the read data, the SDA pin is switched for output at the first falling edge of SCLK. The SDA pin is placed
in the floating state during the period of th(C-E) after the last rising edge of SCLK (at the 8th bit).
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com