công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M38B73F2 bảng dữ liệu(PDF) 30 Page - Renesas Technology Corp

tên linh kiện M38B73F2
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38B73F2 bảng dữ liệu(HTML) 30 Page - Renesas Technology Corp

Back Button M38B73F2 Datasheet HTML 26Page - Renesas Technology Corp M38B73F2 Datasheet HTML 27Page - Renesas Technology Corp M38B73F2 Datasheet HTML 28Page - Renesas Technology Corp M38B73F2 Datasheet HTML 29Page - Renesas Technology Corp M38B73F2 Datasheet HTML 30Page - Renesas Technology Corp M38B73F2 Datasheet HTML 31Page - Renesas Technology Corp M38B73F2 Datasheet HTML 32Page - Renesas Technology Corp M38B73F2 Datasheet HTML 33Page - Renesas Technology Corp M38B73F2 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 110 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
29
Fig. 22 Structure of serial I/O1 control registers 1, 2
b7 b6 b5
b4 b3
b2 b1 b0
b7 b6 b5
b4 b3
b2 b1 b0
PB1/SRDY1 • PB2/SBUSY1 pin control bits
b3b2b1b0
0 0 0 0: Pins PB1 and PB2 are I/O ports
0 0 0 1: Not used
0 0 1 0: PB1 pin is an SRDY1 output, PB2 pin is an I/O port.
0 0 1 1: PB1 pin is an SRDY1 output, PB2 pin is an I/O port.
0 1 0 0: PB1 pin is an I/O port, PB2 pin is an SBUSY1 input.
0 1 0 1: PB1 pin is an I/O port, PB2 pin is an SBUSY1 input.
0 1 1 0: PB1 pin is an I/O port, PB2 pin is an SBUSY1 output.
0 1 1 1: PB1 pin is an I/O port, PB2 pin is an SBUSY1 output.
1 0 0 0: PB1 pin is an SRDY1 input, PB2 pin is an SBUSY1 output.
1 0 0 1: PB1 pin is an SRDY1 input, PB2 pin is an SBUSY1 output.
1 0 1 0: PB1 pin is an SRDY1 input, PB2 pin is an SBUSY1 output.
1 0 1 1: PB1 pin is an SRDY1 input, PB2 pin is an SBUSY1 output.
1 1 0 0: PB1 pin is an SRDY1 output, PB2 pin is an SBUSY1 input.
1 1 0 1: PB1 pin is an SRDY1 output, PB2 pin is an SBUSY1 input.
1 1 1 0: PB1 pin is an SRDY1 output, PB2 pin is an SBUSY1 input.
1 1 1 1: PB1 pin is an SRDY1 output, PB2 pin is an SBUSY1 input.
SBUSY1 output • SSTB1 output function selection bit
(Valid in automatic transfer mode)
0: Functions as each 1-byte signal
1: Functions as signal for all transfer data
Serial transfer status flag
0: Serial transfer completion
1: Serial transferring
SOUT1 pin control bit (at no-transfer serial data)
0: Output active
1: Output high-impedance
PB5/SOUT1 P-channel output disable bit
0: CMOS 3-state (P-channel output is valid.)
1: N-channel open-drain (P-channel output is invalid.)
Serial I/O1 control register 2
(SIO1CON2 (SC12): address 001A16)
Serial I/O1 control register 1
(SIO1CON1 (SC11): address 001916)
Serial transfer selection bits
b1 b0
0 0 : Serial I/O disabled (pins PB0 to PB6 are I/O ports)
0 1 : 8-bit serial I/O
1 0 : Not available
1 1 : Automatic transfer serial I/O (8-bits)
Serial I/O1 synchronous clock selection bits (PB3/SSTB1 pin control bit)
b3 b2
0 0 : Internal synchronous clock (PB3 pin is an I/O port.)
0 1 : External synchronous clock (PB3 pin is an I/O port.)
1 0 : Internal synchronous clock (PB3 pin is an SSTB1 output.)
1 1 : Internal synchronous clock (PB3 pin is an SSTB1 output.)
Serial I/O initialization bit
0: Serial I/O initialization
1: Serial I/O enabled
Transfer mode selection bit
0: Full duplex (transmit and receive) mode (PB6 pin is an SIN1 input.)
1: Transmit-only mode (PB6 pin is an I/O port.)
Transfer direction selection bit
0: LSB first
1: MSB first
Serial I/O1 clock pin selection bit
0:SCLK11 (PB0/SCLK12 pin is an I/O port.)
1:SCLK12 (PB4/SCLK11 pin is an I/O port.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com