| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M38B73F2 bảng dữ liệu(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38B73F2 bảng dữ liệu(HTML) 16 Page - Renesas Technology Corp |
|
16 / 110 page ![]() 38B7 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS 15 Table 6 List of I/O port functions (1) Pin P00/FLD8– P07/FLD15 Nama Port P0 Input/Output Output I/O Format High-breakdown voltage P-channel open-drain output with pull-down resistor Low-voltage input level High-breakdown voltage P-channel open-drain output with pull-down resistor High-breakdown voltage P-channel open-drain output with pull-down resistor Low-voltage input level High-breakdown voltage P-channel open-drain output with pull-down resistor Low-voltage input level High-breakdown voltage P-channel open-drain output Low-voltage input level High-breakdown voltage P-channel open-drain output Low-voltage input level High-breakdown voltage P-channel open-drain output Low-voltage input level (port input) CMOS compatible input level (RxD, SCLK21, SCLK22) CMOS 3-state output Non-Port Function FLD automatic display function Related SFRs FLDC mode register P0 digit output set switch register Ref.No. (1) (2) FLDC mode register FLD automatic display function Serial I/O2 function I/O P10/FLD16– P17/FLD23 Port P1 Input/output, individual bits FLDC mode register P2 digit output set switch register (1) P20/FLD0– P27/FLD7 Port P2 Output P30/FLD24– P37/FLD31 Port P3 Input/output, individual bits FLDC mode register (2) FLDC mode register Port P4 FLD/Port switch register (2) P40/FLD32– P47/FLD39 Port P4 Input/output, individual bits Input/output, individual bits P50/FLD40– P57/FLD47 Port P5 FLDC mode register Port P5 FLD/Port switch register (2) FLDC mode register Port P6 FLD/Port switch register (2) Input/output, individual bits Port P6 P60/FLD48– P63/FLD51 P64/RxD/ FLD52 P65/TxD/ FLD53, P66/SCLK21/ FLD54 P67/SRDY2/ SCLK22/ FLD55 P70/INT0, P71/INT1 P72/INT2 CMOS compatible input level CMOS 3-state output FLDC mode register Serial I/O2 control register UART control register Interrupt edge selection register (3) (4) (5) (6) Port P7 Input/output, individual bits External interrput input Interrupt edge selection register Interrupt interval determi- nation control register Interrupt edge selection register FLD output control register Timer 56 mode register Timer 12 mode register Timer 34 mode register Buzzer output control register Interrupt edge selection register CPU mode register (7) P73/INT3/ DIMOUT External interrput input Dimmer signal output (8) P74/PWM1 P75/T1OUT P76/T3OUT P77/INT4/ BUZ01 CMOS compatible input level CMOS 3-state output PWM output Timer output Timer output Buzzer output External interrput input (9) Sub-clock generating circuit I/O External count input P80/XCIN P81/XCOUT P82/CNTR1 P83/CNTR0/ CNTR2 Port P8 Input/output, individual bits (10) (11) (6) (12) Interrupt edge selection register |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |