công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD4046212RFS bảng dữ liệu(PDF) 15 Page - Renesas Technology Corp

tên linh kiện HD4046212RFS
Giải thích chi tiết về linh kiện  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS bảng dữ liệu(HTML) 15 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 11Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 12Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 13Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 14Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 15Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 16Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 17Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 18Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 157 page
background image
HD404629R Series
13
Bit 3
Bit 2
Bit 1
Bit 0
IMTA
(IM of timer A)
IFTA
(IF of timer A)
IM1
(IM of
INT1)
IF1
(IF of
INT1)
IMTC
(IM of timer C)
IFTC
(IF of timer C)
IMTB
(IM of timer B)
IFTB
(IF of timer B)
IMAD
(IM of A/D)
IFAD
(IF of A/D)
IMTD
(IM of timer D)
IFTD
(IF of timer D)
$000
$001
$002
$003
Interrupt control bits area
IM0
(IM of
INT0)
IF0
(IF of
INT0)
RSP
(Reset SP bit)
IE
(Interrupt
enable flag)
ICSF
(Input capture
status flag)
IM3
(IM of INT3)
IF3
(IF of INT3)
IM2
(IM of INT2)
IF2
(IF of INT2)
IMS
(IM of serial
interface)
IFS
(IF of serial
interface)
IM4
(IM of INT4)
IF4
(IF of INT4)
$020
$021
$022
$023
Register flag area
DTON
(Direct transfer
on flag)
ADSF
(A/D start flag)
WDON
(Watchdog
on flag)
LSON
(Low speed
on flag)
ICEF
(Input capture
error flag)
RAME
(RAM enable
flag)
Not used
IF:
IM:
IE:
SP:
Interrupt request flag
Interrupt mask
Interrupt enable flag
Stack pointer
Bit 3
Bit 2
Bit 1
Bit 0
Figure 3 Configuration of Interrupt Control Bits and Register Flag Areas
IE
IM
LSON
IF
ICSF
ICEF
RAME
RSP
WDON
ADSF
Not used
DTON
SEM/SEMD
REM/REMD
TM/TMD
Allowed
Allowed
Allowed
Not executed
Allowed
Allowed
Not executed
Allowed
Inhibited
Allowed
Not executed
Inhibited
Allowed
Inhibited
Allowed
Not executed in active mode
Allowed
Allowed
Used in subactive mode
Not executed
Not executed
Inhibited
Note: WDON is reset by MCU reset or by
STOPC enable for stop mode cancellation.
The REM or REMD instuction must not be executed for ADSF during A/D conversion.
DTON is always reset in active mode.
If the TM or TMD instruction is executed for the inhibited bits or non-existing bits,
the value in ST becomes invalid.
Figure 4 Usage Limitations of RAM Bit Manipulation Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com