công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD4046212RFS bảng dữ liệu(PDF) 33 Page - Renesas Technology Corp

tên linh kiện HD4046212RFS
Giải thích chi tiết về linh kiện  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS bảng dữ liệu(HTML) 33 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 29Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 30Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 31Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 32Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 33Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 34Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 35Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 36Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 157 page
background image
HD404629R Series
31
Operating Modes
The MCU has five operating modes as shown in table 19. The operations in each mode are listed in tables
20 and 21. Transitions between operating modes are shown in figure 14.
Active Mode: All MCU functions operate according to the clock generated by the system oscillator OSC
1
and OSC
2.
Table 19 Operating Modes and Clock Status
Mode Name
Active
Standby
Stop
Watch
Subactive*2
Activation
method
RESET
cancellation,
interrupt
request,
STOPC
cancellation
in stop mode,
STOP/SBY
instruction in
subactive mode
(when direct
transfer is
selected)
SBY
instruction
STOP
instruction
when
TMA3 = 0
STOP
instruction
when
TMA3 = 1
INT
0 or timer A
interrupt request
from watch
mode
Status
System
oscillator
OP
OP
Stopped
Stopped
Stopped
Subsystem
oscillator
OP
OP
OP*1
OP
OP
Cancellation
method
RESET input,
STOP/SBY
instruction
RESET input,
interrupt
request
RESET input,
STOPC input
in stop mode
RESET input,
INT
0 or timer A
interrupt
request
RESET input,
STOP/SBY
instruction
Notes:
OP implies in operation.
1. Operating or stopping the oscillator can be selected by setting bit 3 of the system clock select
register (SSR: $029).
2. Subactive mode is an optional function; specify it on the function option list.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com