công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD4046212RFS bảng dữ liệu(PDF) 67 Page - Renesas Technology Corp

tên linh kiện HD4046212RFS
Giải thích chi tiết về linh kiện  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS bảng dữ liệu(HTML) 67 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 63Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 64Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 65Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 66Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 67Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 68Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 69Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 70Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 157 page
background image
HD404629R Series
65
Registers for Timer B Operation: By using the following registers, timer B operation modes are selected
and the timer B count is read and written.
 Timer mode register B1 (TMB1: $009)
 Timer mode register B2 (TMB2: $013)
 Timer write register B (TWBL: $00A, TWBU: $00B)
 Timer read register B (TRBL: $00A, TRBU: $00B)
 Port mode register C (PMRC: $025)
• Timer mode register B1 (TMB1: $009):
Four-bit write-only register that selects the free-running/reload timer function, input clock source, and
the prescaler division ratio as shown in figure 47. It is reset to $0 by MCU reset.
Writing to this register is valid from the second instruction execution cycle after the execution of the
previous timer mode register B1 write instruction. Setting timer B’s initialization by writing to timer
write register B (TWBL: $00A, TWBU: $00B) must be done after a mode change becomes valid.
Bit
Initial value
Read/Write
Bit name
3
0
W
TMB13
2
0
W
TMB12
0
0
W
TMB10
1
0
W
TMB11
Timer mode register B1 (TMB1: $009)
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2048tcyc
512tcyc
128tcyc
32tcyc
8tcyc
4tcyc
2tcyc
TMB12
TMB10
TMB11
Input clock period and input
clock source
R13/EVNB (external event input)
TMB13
0
1
Free-running/reload
timer selection
Free-running timer
Reload timer
Figure 47 Timer Mode Register B1 (TMB1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com