công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD4046212RFS bảng dữ liệu(PDF) 45 Page - Renesas Technology Corp

tên linh kiện HD4046212RFS
Giải thích chi tiết về linh kiện  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS bảng dữ liệu(HTML) 45 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 41Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 42Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 43Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 44Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 45Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 46Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 47Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 48Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 157 page
background image
HD404629R Series
43
Notes: 2. When the MCU is in watch mode or subactive mode, if the high level period before the falling
edge of
INT
0 is shorter than the interrupt frame, INT0 is not detected.
Also, if the low level
period after the falling edge of
INT
0 is shorter than the interrupt frame, INT0 is not detected.
Edge detection is shown in figure 24. The level of the
INT
0 signal is sampled by a sampling
clock. When this sampled value changes to low from high, a falling edge is detected.
In figure 25, the level of the
INT
0 signal is sampled by an interrupt frame.
In (a) the sampled
value is low at point A, and also low at point B. Therefore, a falling edge is not detected. In
(b), the sampled value is high at point A, and also high at point B. A falling edge is not detected
in this case either.
When the MCU is in watch mode or subactive mode, keep the high level and low level period of
INT
0 longer than interrupt frame.
High
Low
INT
Sampling
0
Low
Figure 24 Edge Detection
A: Low
B: Low
INT
Interrupt
frame
0
A: High
B: High
INT
Interrupt
frame
0
(a) High level period
(b) Low level period
Figure 25 Sampling Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com