công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD4046212RFS bảng dữ liệu(PDF) 60 Page - Renesas Technology Corp

tên linh kiện HD4046212RFS
Giải thích chi tiết về linh kiện  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS bảng dữ liệu(HTML) 60 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 56Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 57Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 58Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 59Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 60Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 61Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 62Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 63Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 157 page
background image
HD404629R Series
58
Prescalers
The MCU has the following two prescalers, S and W.
The prescalers operating conditions are listed in table 25, and the prescalers output supply is shown in
figure 42. The timers A–D input clocks except external events, the serial transmit clock except the external
clock, and the LCD circuit operating clock are selected from the prescaler outputs, depending on
corresponding mode registers.
Prescaler Operation
Prescaler S: 11-bit counter that inputs the system clock signal. After being reset to $000 by MCU reset,
prescaler S divides the system clock. Prescaler S keeps counting, except in watch and subactive modes and
at MCU reset.
Prescaler W: Five-bit counter that inputs the X1 input clock signal (32-kHz crystal oscillation) divided by
eight. After being reset to $00 by MCU reset, prescaler W divides the input clock. Prescaler W can be
reset by software.
Table 25 Prescaler Operating Conditions
Prescaler
Input Clock
Reset Conditions
Stop Conditions
Prescaler S
System clock (in active and standby mode),
Subsystem clock (in subactive mode)
MCU reset
MCU reset,
stop mode,
watch mode
Prescaler W
32-kHz crystal oscillation
MCU reset,
software
MCU reset,
stop mode
Subsystem
clock
Prescaler W
LCD
Timer A
Timer B
Timer C
Timer D
Serial
System
clock
Prescaler S
Clock
selector
Figure 42 Prescaler Output Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com