công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM7344 bảng dữ liệu(PDF) 133 Page - PMC-Sierra, Inc

tên linh kiện PM7344
Giải thích chi tiết về linh kiện  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 bảng dữ liệu(HTML) 133 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 129Page - PMC-Sierra, Inc PM7344 Datasheet HTML 130Page - PMC-Sierra, Inc PM7344 Datasheet HTML 131Page - PMC-Sierra, Inc PM7344 Datasheet HTML 132Page - PMC-Sierra, Inc PM7344 Datasheet HTML 133Page - PMC-Sierra, Inc PM7344 Datasheet HTML 134Page - PMC-Sierra, Inc PM7344 Datasheet HTML 135Page - PMC-Sierra, Inc PM7344 Datasheet HTML 136Page - PMC-Sierra, Inc PM7344 Datasheet HTML 137Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
117
A logic 1 in the CHKSEQ bit position enables the use of the check sequence
algorithm in addition to the basic frame find algorithms; a logic 0 disables the
use of the check sequence algorithm.
REFR:
A transition from logic 0 to logic 1 in the REFR bit position forces the re-
synchronization to a new frame alignment. The bit must be cleared to logic 0,
then set to logic 1 again to generate subsequent re-synchronizations.
REFCRCE:
The REFCRCE bit enables excessive CRC errors (≥ 915 errors in one
second) to force a re-synchronization to a new frame alignment. Setting the
REFCRCE bit position to logic 1 enables reframe due to excessive CRC
errors; setting the REFCRCE bit to logic 0 disables CRC errors from causing
a reframe.
REFRDIS:
The REFRDIS bit disables reframing under any error condition once frame
alignment has been found; reframing can be initiated by software via the
REFR bit. A logic 1 in the REFRDIS bit position causes the E1-FRMR to
remain "locked in frame" once initial frame alignment has been found. A logic
0 allows reframing to occur based on the various error criteria (FER,
excessive CRC errors, etc).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More