| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM7344 bảng dữ liệu(PDF) 127 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7344 bảng dữ liệu(HTML) 127 Page - PMC-Sierra, Inc |
|
127 / 293 page ![]() PM7344 S/UNI-MPH DATA SHEET PMC-950449 ISSUE 6 MULTI-PHY USER NETWORK INTERFACE PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 111 ESF, FMS[1], FMS[0]: These bits are used to select the required T1 framing format. The valid combinations of the ESF, FMS1, and FMS0 bits are summarized in the following table: ESF FMS1 FMS0 Mode 0 0 0 Select SF format 0 0 1 Reserved 0 1 0 Reserved 0 1 1 Reserved 1 0 0 Select ESF framing format & 4 kbit FDL Data Rate 1 0 1 Select ESF framing format & 2 kbit FDL Data Rate using frames 3, 7, 11, 15, 19, and 23. 1 1 0 Select ESF framing format & 2 kbit FDL Data Rate using frames 1, 5, 9, 13, 17, and 21. 1 1 1 Reserved |