công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC55S2X bảng dữ liệu(PDF) 81 Page - NXP Semiconductors

tên linh kiện LPC55S2X
Giải thích chi tiết về linh kiện  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X bảng dữ liệu(HTML) 81 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 77Page - NXP Semiconductors LPC55S2X Datasheet HTML 78Page - NXP Semiconductors LPC55S2X Datasheet HTML 79Page - NXP Semiconductors LPC55S2X Datasheet HTML 80Page - NXP Semiconductors LPC55S2X Datasheet HTML 81Page - NXP Semiconductors LPC55S2X Datasheet HTML 82Page - NXP Semiconductors LPC55S2X Datasheet HTML 83Page - NXP Semiconductors LPC55S2X Datasheet HTML 84Page - NXP Semiconductors LPC55S2X Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
VBAT_PMU = VBAT_DCDC = VDD = 3.3 V; T = 25 °C
Peripheral
IDD (uA)
HS SPI
0.4
0.4
CASPER
0.6
0.6
PUF
2.3
2.3
AES_SHA
0.5
0.5
Table 22. Typical peripheral power consumption...continued
[1]
Measured in power-down mode
[2]
Turn off the peripheral when the configuration is done.
10.4 Pin characteristics
Tamb = -40 °C to +105 °C, unless otherwise specified. 1.8 V ≤ VDD ≤ 3.6 V unless otherwise specified. Values tested in
production unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ[1] Max
Unit
Standard I/O pins , RESET pin
Input characteristics
IIL
LOW-level input current
VI = 0 V; on-chip pull-up resistor
disabled
-
2
200
nA
IIH
HIGH-level input current VI = VDD; on-chip pull-down resistor
disabled
-
2
200
nA
VI
input voltage
pin configured to provide a digital
function;
VDD ≥ 1.8 V
[2]
0
-
3.6
V
VIH
HIGH-level input voltage
0.7 x VDD -
VDD
V
VIL
LOW-level input voltage
- 0.3
-
0.3 x VDD V
Vhys
hysteresis voltage
-
0.4
-
V
Output characteristics
IOH = -4 mA; 1.8 V ≤ VDD < 2.7 V
VDD - 0.5
-
-
V
VOH
HIGH-level output voltage
IOH = -4 mA; 2.7 V ≤ VDD ≤ 3.6 V
VDD - 0.4
-
-
V
IOL = 4 mA; 1.8 V ≤ VDD < 2.7 V
-
-
0.4
V
VOL
LOW-level output voltage
IOL = 4 mA; 2.7 V ≤ VDD ≤3.6 V
-
-
0.4
V
Weak input pull-up/pull-down characteristics
Rpd
pull-down resistance
VI = 0
40
50
62
kΩ
Rpu
pull-up resistance
VI = VDD
40
50
62
kΩ
Pin capacitance
I2C-bus pins
[3] -
-
4.5
pF
Cio
input/output capacitance
pins with digital functions only
[4] -
-
2.5
pF
Pins with digital and analog
functions
[4] -
-
3.0
pF
Table 23. Static characteristics: pin characteristics
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25 °C), nominal supply voltage.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
81 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com