công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC55S2X bảng dữ liệu(PDF) 60 Page - NXP Semiconductors

tên linh kiện LPC55S2X
Giải thích chi tiết về linh kiện  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X bảng dữ liệu(HTML) 60 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 56Page - NXP Semiconductors LPC55S2X Datasheet HTML 57Page - NXP Semiconductors LPC55S2X Datasheet HTML 58Page - NXP Semiconductors LPC55S2X Datasheet HTML 59Page - NXP Semiconductors LPC55S2X Datasheet HTML 60Page - NXP Semiconductors LPC55S2X Datasheet HTML 61Page - NXP Semiconductors LPC55S2X Datasheet HTML 62Page - NXP Semiconductors LPC55S2X Datasheet HTML 63Page - NXP Semiconductors LPC55S2X Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
• Autobaud mode for automatic baud rate detection
• Parity generation and checking: odd, even, or none.
• Software selectable oversampling from 5 to 16 clocks in asynchronous mode.
• One transmit and one receive data buffer.
• RTS/CTS for hardware signaling for automatic flow control. Software flow control can be performed using
Delta CTS detect, Transmit Disable control, and any GPIO as an RTS output.
• Received data and status can optionally be read from a single register
• Break generation and detection.
• Receive data is 2 of 3 sample "voting". Status flag set when one sample differs.
• Built-in Baud Rate Generator with auto-baud function.
• A fractional rate divider is shared among all USARTs.
• Interrupts available for Receiver Ready, Transmitter Ready, Receiver Idle, change in receiver break detect,
Framing error, Parity error, Overrun, Underrun, Delta CTS detect, and receiver sample noise detected.
• Loopback mode for testing of data and flow control.
• In synchronous slave mode, wakes up the part from deep-sleep and deep-sleep2 modes.
• Special operating mode allows operation at up to 9600 baud using the 32.768 kHz RTC oscillator as the
UART clock. This mode can be used while the device is in deep-sleep and can wake-up the device when a
character is received.
• USART transmit and receive functions work with the system DMA controller.
• The USART function supports separate transmit and receive FIFO with 16 entries each.
7.23.3.5 I2S-bus interface
The I2S bus provides a standard communication interface for streaming data transfer applications such as
digital audio or data collection. The I2S bus specification defines a 3-wire serial bus with one data, one clock,
and one word select/frame trigger signal, providing single or dual (mono or stereo) audio data transfer in
addition to other configurations. Each Flexcomm Interface implements one I2S channel pair.
The I2S interface within one Flexcomm Interface provides one channel pair that can be configured as a master
or a slave. The channel pair within one Flexcomm Interface shares one set of I2S signals, and are configured
together for either transmit or receive operation, using the same mode, same data configuration, and frame
configuration. All such channel pairs can participate in a Time Division Multiplexing (TDM) arrangement. For
cases requiring an MCLK input and/or output, this is handled outside of the I2S block in the system level
clocking scheme.
Features
• A Flexcomm Interface can implement one or more I2S channel pairs, the first of which could be a master or
a slave, and the rest would be slaves. All channel pairs are configured together for either transmit or receive
and other shared attributes.
• Flexcomm interfaces 0 to 7 each provide one channel pair of I2S function.
• Configurable data size for all channels within one Flexcomm Interface, from 4 bits to 32 bits. Each channel
pair can also be configured independently to act as a single channel (mono as opposed to stereo operation).
• All channel pairs within one Flexcomm Interface share a single bit clock (SCK) and word select/frame trigger
(WS), and data line (SDA).
• Data for all I2S traffic within one Flexcomm Interface uses the Flexcomm FIFO. The FIFO depth is 8 entries.
• Left justified and right justified data modes.
• DMA support using FIFO level triggering.
• TDM with a several stereo slots and/or mono slots is supported. Each channel pair can act as any data slot.
Multiple channel pairs can participate as different slots on one TDM data line.
• The bit clock and WS can be selectively inverted.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
60 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com