công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC55S2X bảng dữ liệu(PDF) 62 Page - NXP Semiconductors

tên linh kiện LPC55S2X
Giải thích chi tiết về linh kiện  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X bảng dữ liệu(HTML) 62 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 58Page - NXP Semiconductors LPC55S2X Datasheet HTML 59Page - NXP Semiconductors LPC55S2X Datasheet HTML 60Page - NXP Semiconductors LPC55S2X Datasheet HTML 61Page - NXP Semiconductors LPC55S2X Datasheet HTML 62Page - NXP Semiconductors LPC55S2X Datasheet HTML 63Page - NXP Semiconductors LPC55S2X Datasheet HTML 64Page - NXP Semiconductors LPC55S2X Datasheet HTML 65Page - NXP Semiconductors LPC55S2X Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
• The timer and prescaler may be configured to be cleared on a designated capture event. This feature permits
easy pulse width measurement by clearing the timer on the leading edge of an input pulse and capturing the
timer value on the trailing edge.
• Four 32-bit match registers that allow:
– Continuous operation with optional interrupt generation on match.
– Stop timer on match with optional interrupt generation.
– Reset timer on match with optional interrupt generation.
• Up to four external outputs per timer corresponding to match registers with the following capabilities:
– Set LOW on match.
– Set HIGH on match.
– Toggle on match.
– Do nothing on match.
• Up to two match registers can be used to generate timed DMA requests.
• Up to 4 match registers can be configured for PWM operation, allowing up to 3 single edged controlled PWM
outputs.WM mode using up to three match channels for PWM output.
7.25.2 SCTimer/PWM subsystem
The SCTimer/PWM is a flexible timer module capable of creating complex PWM waveforms and performing
other advanced timing and control operations with minimal or no CPU intervention.
The SCTimer/PWM can operate as a single 32-bit counter or as two independent, 16-bit counters in uni-
directional or bi-directional mode. It supports a selection of match registers against which the count value can
be compared, and capture registers where the current count value can be recorded when some pre-defined
condition is detected.
The SCTimer/PWM module supports multiple separate events that can be defined by the user based on some
combination of parameters including a match on one of the match registers, and/or a transition on one of the
SCTimer/PWM inputs or outputs, the direction of count, and other factors.
Every action that the SCTimer/PWM block can perform occurs in direct response to one of these user-defined
events without any software overhead. Any event can be enabled to:
• Start, stop, or halt the counter.
• Limit the counter which means to clear the counter in unidirectional mode or change its direction in bi-
directional mode.
• Set, clear, or toggle any SCTimer/PWM output.
• Force a capture of the count value into any capture registers.
• Generate an interrupt of DMA request.
7.25.2.1 Features
• The SCTimer/PWM Supports:
– Eight inputs.
– Ten outputs.
– Sixteen match/capture registers.
– Sixteen events.
– Thirty two states.
• Counter/timer features:
– Each SCTimer/PWM is configurable as two 16-bit counters or one 32-bit counter.
– Counters clocked by system clock or selected input.
– Configurable number of match and capture registers. Up to sixteen match and capture registers total.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
62 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com