| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT79L71IB bảng dữ liệu(PDF) 77 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71IB bảng dữ liệu(HTML) 77 Page - Exar Corporation |
|
77 / 109 page ![]() XRT79L71 74 REV. 1.0.0 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE TABLE 3: LIST OF ALL OF THE POSSIBLE CONDITIONS THAT CAN GENERATE INTERRUPTS WITHIN THE XRT79L71 FUNCTIONAL BLOCK INTERRUPT CONDITION DS3/E3 Framer Block (Consists of both the Transmit DS3/E3 Framer Block, the Transmit PLCP Processor Block, the Receive DS3/E3 Framer Block and the Receive PLCP Processor Block) Transmit DS3/E3 Framer Block Interrupts • Completion of Transmission of FEAC Message (DS3,C-bit Parity Only) • Completion of Transmission of LAPD/PMDL Message Transmit PLCP Processor Block Interrupts • None Receive DS3/E3 Framer Block Interrupts • Change of LOS (Loss of Signal) Defect Condition • Change of OOF (Out of Frame) Defect Condition • Change of AIS Defect Condition • Change in Trail-Trace Buffer Message (E3, ITU-T G.832 only) • Change of FERF/RDI (Yellow Alarm) Defect Condition • Detection of P-Bit Errors (DS3 Applications only) • Detection of CP-Bit Errors (DS3, C-bit Parity Applications only)· Detection of BIP-4 Error (E3, ITU-T G.751 only) • Detection of BIP-8 Error (E3, ITU-T G.832 only)· Detection of FEBE (Far-End Block Error) Event • Validation of FEAC Message (DS3, C-bit Parity Only)· • Removal of FEAC Message (DS3, C-bit Parity Only) • Receipt of New LAPD/PMDL Message • One Second Interrupt Receive PLCP Processor Block Interrupts • Change of PLCP OOF Defect Condition • Change of PLCP LOF Defect Condition • Change of PLCP RAI Defect Condition DS3/E3 LIU Block • Change of FL (Jitter Attenuator FIFO Limit Alarm) Condition • Change of LOL (Receive Loss of Lock) Condition • Change of LOS (Loss of Signal) Condition • Change of DMO (Transmit Drive Monitor Output) Condition |