công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XRT79L71IB bảng dữ liệu(PDF) 54 Page - Exar Corporation

tên linh kiện XRT79L71IB
Giải thích chi tiết về linh kiện  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB bảng dữ liệu(HTML) 54 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 50Page - Exar Corporation XRT79L71IB Datasheet HTML 51Page - Exar Corporation XRT79L71IB Datasheet HTML 52Page - Exar Corporation XRT79L71IB Datasheet HTML 53Page - Exar Corporation XRT79L71IB Datasheet HTML 54Page - Exar Corporation XRT79L71IB Datasheet HTML 55Page - Exar Corporation XRT79L71IB Datasheet HTML 56Page - Exar Corporation XRT79L71IB Datasheet HTML 57Page - Exar Corporation XRT79L71IB Datasheet HTML 58Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 109 page
background image
XRT79L71
51
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
M16
E3CLK
I
Clock Recovery PLL E3 Reference Clock Input:
The function of this input pin depends upon whether or not the XRT79L71 has
been configured to operate in the SFM (Single-Frequency Mode) Mode, as
described below.
If the XRT79L71 is NOT operating in the Single-Frequency Mode
If the XRT79L71 has NOT been configured to operate in the SFM Mode, then this
input pin will function as a Reference Clock signal for the Clock Recovery PLL and
the Jitter Attenuator PLL within the Receive DS3/E33 LIU Block, whenever the
XRT79L71 has been configured to operate in the E3 Mode.
NOTE: For E3/Non-SFM Modes of operation, the user is expected to supply a
34.368MHz ± 20ppm clock signal to this input pin.
If the XRT79L71 is operating in the Single-Frequency ModeI
f the user has configured the XRT79L71 to operate in the SFM Mode, then the
user MUST apply a clock signal with a frequency of 12.288 ± 20ppm to the
DS3CLK/SFMCLK input pin (Ball P16). Additionally, the user MUST tie this input
pin to GND.
NOTE: If the user only intends to operate the XRT79L71 in the DS3/Non-SFM
Mode, then the user should tie this input pin to GND.
T11
TTIP
O
Transmit Output - Positive Polarity Signal:
This output pin, along with the TRING output pin, function as the Transmit DS3/E3
output signal drivers for the XRT79L71.
The user is expected to connect this signal and the TRING output signal to a 1:1
transformer.
Whenever the Transmit Section of the XRT79L71 generates and transmits a posi-
tive-polarity pulse onto the line, this output pin will be pulsed to a higher-voltage
than the TRING output pin.
Conversely, whenever the Transmit Section of the XRT79L71 generates and
transmit a negative-polarity pulse onto the line, this output pin will be pulsed to a
lower-voltage than that of the TRING output pin.
NOTE: This output pin will be tri-stated whenever the user sets the TxON input pin
(or bit-field) to "0".
T10
TRING
O
Transmit Output - Negative Polarity Signal:
This output pin along with the TTIP output pin, functions as the Transmit DS3/E3
output signal drivers for the XRT79L71.
The user is expected to connect this signal and the TTIP output signal to a 1:1
transformer.
Whenever the Transmit Section of the XRT79L71 generates and transmits a pos-
itive-polarity pulse onto the line, this output pin will be pulsed to a lower-voltage
than the TTIP output pin.
Conversely, whenever the Transmit Section of the XRT79L71 generates and
transmit a negative-polarity pulse onto the line, this output pin will be pulsed to a
higher-voltage than that of the TTIP output pin.
NOTE: This output pin will be tri-stated whenever the user sets the TxON input pin
(or bit-field) to "0".
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com