| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT79L71IB bảng dữ liệu(PDF) 97 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71IB bảng dữ liệu(HTML) 97 Page - Exar Corporation |
|
97 / 109 page ![]() XRT79L71 94 REV. 1.0.0 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE FIGURE 18. TIMING DIAGRAM FOR THE TRANSMIT PAYLOAD DATA INPUT INTERFACE WHEN THE XRT79L71 IS OPERATING IN BOTH THE DS3 AND LOCAL-TIMING MODES FIGURE 19. TIMING DIAGRAM FOR THE TRANSMIT PAYLOAD DATA INPUT INTERFACE WHEN THE XRT79L71 IS OPERATING IN BOTH THE DS3/NIBBLE-PARALLEL AND LOOP-TIMING MODES XRT79L71 Transmit Payload Data I/F Signals TxInClk TxSer TxFrameRef TxOH_Ind Payload[4702] Payload[4703] X-Bit Payload[1] DS3 Frame Number N DS3 Frame Number N + 1 t5 t6 t7 t8 t9 t10 RxOutClk TxNibFrame TxNibClk TxNib[3:0] Nibble [1175] Nibble [0] Sampling Edge of XRT79L71 t11 t12 t13 t13A |