| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT79L71IB bảng dữ liệu(PDF) 20 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71IB bảng dữ liệu(HTML) 20 Page - Exar Corporation |
|
20 / 109 page ![]() XRT79L71 17 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE REV. 1.0.0 C9 TxSer TxPOH SendMSG I Transmit Payload Data Input Interface - Serial Input/Transmit PLCP Path Overhead Input/Send HDLC Message Request Input: The function of this input pin depends upon whether the XRT79L71 is configured to operate in the Clear-Channel Framer Mode, the High-Speed HDLC Controller Mode or in the ATM/PLCP Mode. Clear-Channel Framer Mode - TxSer - Transmit Payload Data Input Interface - Serial Input pin: If the XRT79L71 is configured to operate in the Clear-Channel Framer mode, then this input pin functions as the Transmit Payload Data Serial Input pin. In this case, the System-Side terminal equipment is expected to apply all outbound data which is intended to be carried via the DS3 or E3 payload bits to this input pin. The Transmit Payload Data Input Interface will sample the data, residing at the TxSer input pin, upon the rising edge of TxInClk. ATM/PLCP Mode - TxPOH - Transmit PLCP Path Overhead Input Port - Input pin: If the XRT79L71 is configured to operate in the ATM Mode, and if within the ATM Mode, the chip is also configured to operate in the PLCP Mode, then this input pin functions as the Transmit PLCP Path Overhead Input Pin. In this mode, the user can externally insert desired path overhead byte values into the outbound PLCP frames. The Transmit PLCP Path Overhead Input Pin (and Port) become active when- ever the user asserts the TxPOHIns input pin by pulling it "High". In this case, the data, residing upon the TxPOH input pin will be sampled upon the rising edge of the TxPOHClk signal. NOTE: This input pin is inactive and should be tied to GND if the XRT79L71 is configured to operate in either the PPP or in the Direct-Mapped ATM Mode. High-Speed HDLC Controller Mode - SendMSG - Transmit High-Speed HDLC Controller Input Interface - Send Message Indicator Input: If the XRT79L71 is configured to operate in the High-Speed HDLC Controller Mode, then this input pin functions as the Transmit HDLC Controller Input Inter- face enable input pin. If the user asserts this input pin by pulling it "High" then the Transmit HDLC Con- troller Input Interface will proceed to latch the data, residing on the TxHDL- CDat[7:0] input pins, upon each rising edge of the TxHDLCClk signal. All data that is latched into the Transmit HDLC Controller Input Interface for the duration that the SendMSG input pin is "High" will be encapsulated into an HDLC frame and ultimately transported via the payload bits of the outbound DS3 or E3 data stream. If the user pulling this input pin "Low", then the Transmit HDLC Controller Input Interface will cease latching the data, residing on the TxHDLCDat[7:0] bus. NOTE: This input pin is inactive and should be tied to GND if the XRT79L71 has been configured to operate in the PPP Mode. A3 TxPOHFrame O Transmit PLCP Frame Path Overhead Byte Serial Input Port - Beginning of Frame indicator: This output pin, along with the TxPOH, TxPOHClk, and the TxPOHIns pins com- prise the Transmit PLCP Frame POH Byte Insertion serial input port. This partic- ular pin pulses "High" when the Transmit PLCP POH Byte Insertion serial input port is expecting the first bit of the Z6 byte at the TxPOH input pin. NOTE: This output pin is only active if the XRT79L71 has been configured to operate in the ATM/PLCP Mode. PIN #NAME TYPE DESCRIPTION |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |