công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMD-K6-2E/233AMZ bảng dữ liệu(PDF) 129 Page - Advanced Micro Devices

tên linh kiện AMD-K6-2E/233AMZ
Giải thích chi tiết về linh kiện  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ bảng dữ liệu(HTML) 129 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 125Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 126Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 127Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 128Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 129Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 130Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 131Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 132Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 133Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 332 page
background image
Chapter 5
Signal Descriptions
111
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
5.32
KEN# (Cache Enable)
Pin Attribute
Input
Pin Location
W-05
Summary
If KEN # is sampled asserted, it indicates that the address
presented by the processor is cacheable. If KEN # is sampled
asserted and the processor intends to perform a cache-line fill
(signified by the assertion of CACHE#), the processor executes
a 32-byte burst read cycle and expects to sample BRDY #
asserted a total of four times. If KEN # is sampled negated
during a read cycle, a single-transfer cycle is executed and the
processor does not cache the data. For write cycles, CACHE# is
asserted to indicate the current bus cycle is a modified
cache-line writeback. KEN# is ignored during writebacks.
If PCD is asserted during a bus cycle, the processor does not
cache any data read during that cycle, regardless of the state of
KEN #. See “PCD (Page Cache Disable)” on page 115 for more
details.
If the processor has sampled the state of KEN# during a cycle,
and that cycle is aborted due to the sampling of BOFF #
asserted, the system logic must ensure that KEN# is sampled in
the same state when the processor restarts the aborted cycle.
Sampled
KEN# is sampled on the clock edge on which the first BRDY# or
NA # of a read cycle is sampled asserted. If the read cycle is a
burst, KEN # is ignored during the last three assertions of
BRDY #. KEN # is sampled during read cycles only when
CACHE# is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com