| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMD-K6-2E/233AMZ bảng dữ liệu(PDF) 38 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMD-K6-2E/233AMZ bảng dữ liệu(HTML) 38 Page - Advanced Micro Devices |
|
38 / 332 page ![]() 20 Internal Architecture Chapter 2 AMD-K6™-2E Processor Data Sheet 22529B/0—January 2000 Preliminary Information Figure 6. Register X and Y Functional Units The branch condition unit is separate from the branch prediction logic in that it resolves conditional branches such as JCC and LOOP after the branch condition has been evaluated. 2.6 Branch-Prediction Logic Sophisticated branch logic that can minimize or hide the impact of changes in program flow is designed into the AMD-K6-2E processor. Branches in x86 code fit into two categories: s Unconditional branches always change program flow (that is, the branches are always taken) s Conditional branches may or may not divert program flow (that is, the branches are taken or not-taken). When a conditional branch is not taken, the processor simply continues decoding and executing the next instructions in memory. MMX/ 3DNow! É Multiplier Integer X ALU MMX É ALU MMX Shifter 3DNow! ALU MMX ALU Integer Y ALU Scheduler Buffer (24 RISC86® Operations) Issue Bus for the Register X Execution Pipeline Issue Bus for the Register Y Execution Pipeline |