| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMD-K6-2E/233AMZ bảng dữ liệu(PDF) 52 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMD-K6-2E/233AMZ bảng dữ liệu(HTML) 52 Page - Advanced Micro Devices |
|
52 / 332 page ![]() 34 Software Environment Chapter 3 AMD-K6™-2E Processor Data Sheet 22529B/0—January 2000 Preliminary Information EFLAGS Register The EFLAGS register provides for three different types of flags — system, control, and status. The system flags provide operating system controls, the control flag provides directional information for string operations, and the status flags provide information resulting from logical and arithmetic operations. Figure 20 shows the format of the EFLAGS register. Figure 20. EFLAGS Register 98 7654 321 0 10 11 12 13 14 15 16 17 18 19 20 21 I O P L 31 30 29 28 27 26 25 24 23 22 A F P F Z F S F I F D F T F O F N T R F V M A C V I F V I P I D C F Reserved Symbol Description Bits ID ID Flag 21 VIP Virtual Interrupt Pending 20 VIF Virtual Interrupt Flag 19 AC Alignment Check 18 VM Virtual-8086 Mode 17 RF Resume Flag 16 NT Nested Task 14 IOPL I/O Privilege Level 13–12 OF Overflow Flag 11 DF Direction Flag 10 IF Interrupt Flag 9 TF Trap Flag 8 SF Sign Flag 7 ZF Zero Flag 6 AF Auxiliary Flag 4 PF Parity Flag 2 CF Carry Flag 0 |