| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMD-K6-2E/233AMZ bảng dữ liệu(PDF) 94 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMD-K6-2E/233AMZ bảng dữ liệu(HTML) 94 Page - Advanced Micro Devices |
|
94 / 332 page ![]() 76 Software Environment Chapter 3 AMD-K6™-2E Processor Data Sheet 22529B/0—January 2000 Preliminary Information FIDIVR ST(0), mem16int DEh mm-111-xxx short fload, float FILD mem16int DFh mm-000-xxx short fload, float FILD mem32int DBh mm-000-xxx short fload, float FILD mem64int DFh mm-101-xxx short fload, float FIMUL ST(0), mem32int DAh mm-001-xxx short fload, float FIMUL ST(0), mem16int DEh mm-001-xxx short fload, float FINCSTP D9h F7h short FINIT DBh E3h vector FIST mem16int DFh mm-010-xxx short fload, float FIST mem32int DBh mm-010-xxx short fload, float FISTP mem16int DFh mm-011-xxx short fload, float FISTP mem32int DBh mm-011-xxx short fload, float FISTP mem64int DFh mm-111-xxx short fload, float FISUB ST(0), mem32int DAh mm-100-xxx short fload, float FISUB ST(0), mem16int DEh mm-100-xxx short fload, float FISUBR ST(0), mem32int DAh mm-101-xxx short fload, float FISUBR ST(0), mem16int DEh mm-101-xxx short fload, float FLD ST(i)1 D9h 11-000-xxx short fload, float FLD mem32real D9h mm-000-xxx short fload, float FLD mem64real DDh mm-000-xxx short fload, float FLD mem80real DBh mm-101-xxx vector FLD1 D9h E8h short fload, float FLDCW D9h mm-101-xxx vector FLDENV D9h mm-100-xxx short fload, float FLDL2E D9h EAh short float FLDL2T D9h E9h short float FLDLG2 D9h ECh short float FLDLN2 D9h EDh short float FLDPI D9h EBh short float FLDZ D9h EEh short float FMUL ST(0), ST(i)1 D8h 11-001-xxx short float FMUL ST(i), ST(0)1 DCh 11-001-xxx short float FMUL ST(0), mem32real D8h mm-001-xxx short fload, float FMUL ST(0), mem64real DCh mm-001-xxx short fload, float FMULP ST(0), ST(i)1 DEh 11-001-xxx short float Table 13. Floating-Point Instructions (continued) Instruction Mnemonic First Byte Second Byte ModR/M Byte Decode Type RISC86 Operations |