công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMD-K6-2E/233AMZ bảng dữ liệu(PDF) 20 Page - Advanced Micro Devices

tên linh kiện AMD-K6-2E/233AMZ
Giải thích chi tiết về linh kiện  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ bảng dữ liệu(HTML) 20 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 16Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 17Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 18Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 19Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 20Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 21Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 22Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 23Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 332 page
background image
2
AMD-K6™-2E Processor
Chapter 1
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
1.1
AMD-K6™-2E Embedded Processor Features
The AMD-K6-2E processor with 3DNow!™ technology is a functionally compatible
embedded version of the sixth generation, Microsoft® Windows® compatible
AMD-K6-2 processor. The AMD-K6-2E embedded processor delivers the same high
performance and incorporates the same leading-edge features, including the
innovative and efficient RISC86® microarchitecture, a large 64-Kbyte level-one cache
(32-Kbyte dual-ported data cache, 32-Kbyte instruction cache with predecode data),
and a powerful IEEE 754-compatible and 854-compatible floating-point execution
unit.
The AMD-K6-2E embedded processor also supports the new features incorporated
into the AMD-K6-2 processor. These features include superscalar MMX™ instruction
execution support, support for the Super7™ 100-MHz frontside bus, and AMD’s
innovative 3DNow!™ technology for high-performance multimedia and 3D graphics
operation based on high-performance single instruction multiple data (SIMD)
execution resources.
The AMD-K6-2E embedded processor includes several key features that are very
beneficial to the embedded market. The AMD-K6-2E processor offers leading-edge
performance for embedded systems requiring compatibility with the extensive
installed base of x86 software. The AMD-K6-2E processor’s Socket 7 and Super7
platform-compatible, 321-pin ceramic pin grid array (CPGA) package allows the
product designer to reduce time-to-market by leveraging today’s cost-effective
industry-standard infrastructure to deliver a superior-performing embedded solution.
The AMD-K6-2E embedded processor is available in two versions.
s
The low-power version has a 1.9-V core voltage and extended temperature rating.
s
The standard-power version has a 2.2-V core voltage and is the embedded
equivalent of the industry-standard desktop version of the AMD-K6-2 processor.
System Management Mode and Power Management Features
The AMD-K6-2E processor includes the complete industry-standard system
management mode (SMM), which is critical to system resource and power
management. (See “System Management Mode (SMM)” on page 217 for more
detailed information about this feature.)
The AMD-K6-2E processor also features the industry-standard Stop-Clock (STPCLK#)
control circuitry and the Halt instruction, both required for implementing the ACPI
power management specification. (“Clock Control” on page 247 provides more
information on these power management features.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com