công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMD-K6-2E/233AMZ bảng dữ liệu(PDF) 33 Page - Advanced Micro Devices

tên linh kiện AMD-K6-2E/233AMZ
Giải thích chi tiết về linh kiện  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ bảng dữ liệu(HTML) 33 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 29Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 30Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 31Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 32Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 33Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 34Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 35Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 36Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 332 page
background image
Chapter 2
Internal Architecture
15
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Figure 4. AMD-K6™-2E Processor Decode Logic
The AMD-K6-2E processor uses a combination of decoders to
convert x86 instructions into RISC86 operations. The hardware
consists of three sets of decoders—two parallel short decoders,
one long decoder, and one vector decoder.
Parallel Short Decoders. The two parallel short decoders translate
the most commonly-used x86 instructions ( moves, shifts,
branches, ALU, FPU) and the extensions to the x86 instruction
set (MMX and 3DNow! technology) into zero, one, or two
RISC86 operations each. The short decoders only operate on
x86 instructions that are up to seven bytes long. In addition, the
decoders are designed to decode up to two x86 instructions per
clock.
Instruction Buffer
4 RISC86 Operations
Long Decoder
Short Decoder #1
Short Decoder #2
Vector Address
Vector Decoder
RISC86® Sequencer
On-Chip ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More