công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMD-K6-2E/233AMZ bảng dữ liệu(PDF) 127 Page - Advanced Micro Devices

tên linh kiện AMD-K6-2E/233AMZ
Giải thích chi tiết về linh kiện  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ bảng dữ liệu(HTML) 127 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 123Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 124Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 125Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 126Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 127Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 128Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 129Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 130Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 131Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 332 page
background image
Chapter 5
Signal Descriptions
109
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
This signal is provided to allow the system logic to handle
exceptions in a manner consistent with IBM-compatible PC/AT
systems.
Sampled
The processor samples IGNNE # as a level-sensitive input on
every clock edge. The system logic can drive the signal either
sync hr o n ousl y or async h r o nousl y. I f i t is ass e r t ed
asynchronously, it must be asserted for a minimum pulse width
of two clocks.
5.29
INIT (Initialization)
Pin Attribute
Input
Pin Location
AA-33
Summary
The assertion of INIT causes the processor to empty its
pipelines, to initialize most of its internal state, and to branch
to address FFFF_FFF0h—the same instruction execution
starting point used after RESET. Unlike RESET, the processor
preserves the contents of its caches, the floating-point state, the
MMX state, model-specific registers, the CD and NW bits of the
CR0 register, and other specific internal resources.
INIT can be used as an accelerator for 80286 code that requires
a reset to exit from protected mode back to real mode.
Sampled
INIT is sampled and latched as a rising edge-sensitive signal.
INIT is sampled on every clock edge but is not recognized until
the next instruction boundary. During an I/O write cycle, it must
be sampled asserted a minimum of three clock edges before
BRDY # is sampled asserted if it is to be recognized on the
boundary between the I/O write instruction and the following
instruction.
If INIT is asserted synchronously, it can be asserted for a
minimum of one clock. If it is asserted asynchronously, it must
have been negated for a minimum of two clocks, followed by an
assertion of a minimum of two clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com