công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMD-K6-2E/233AMZ bảng dữ liệu(PDF) 268 Page - Advanced Micro Devices

tên linh kiện AMD-K6-2E/233AMZ
Giải thích chi tiết về linh kiện  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ bảng dữ liệu(HTML) 268 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 264Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 265Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 266Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 267Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 268Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 269Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 270Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 271Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 272Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 332 page
background image
250
Clock Control
Chapter 13
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
13.3
Stop Grant State
Enter Stop Grant
State
After recognizing the assertion of STPCLK#, the AMD-K6-2E
processor flushes its instruction pipelines, completes all
pending and in-progress bus cycles, and acknowledges the
STPCLK# assertion by executing a Stop Grant special bus cycle.
After BRDY# is sampled asserted during this cycle, and after
EWBE# is also sampled asserted (if not masked off), the
processor enters the Stop Grant state.
The Stop Grant state is like the Halt state in that the processor
disables most of its internal clock distribution in the Stop Grant
state.
In order to support the following operations, the internal PLL
still runs, and some internal resources are still clocked in the
Stop Grant state:
s
Inquire cycles—The processor transitions to the Stop Grant
Inquire state during an inquire cycle. After returning to the
Stop Grant state following the inquire cycle, the processor
does not execute another Stop Grant special cycle.
s
Time Stamp Counter (TSC)—The TSC continues to count in
the Stop Grant state.
s
Signal Sampling—The processor continues to sample INIT,
INTR, NMI, RESET, and SMI#.
FLUSH# is not recognized in the Stop Grant state (unlike while
in the Halt state).
Upon entering the Stop Grant state, all signals driven by the
processor retain their state as they existed following the
completion of the Stop Grant special cycle.
Exit Stop Grant State
The AMD-K6-2E processor remains in the Stop Grant state until
it samples STPCLK# negated or RESET asserted. If STPCLK#
is sampled negated, the processor returns to the Normal state in
less than 10 bus clock (CLK) periods. After the transition to the
Norm al state, the processor re su mes executio n at the
instruction boundary on which STPCLK# wa s initially
recognized.
If STPCLK# is recognized as negated in the Stop Grant state
and subsequently sampled asserted prior to returning to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com