công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMD-K6-2E/233AMZ bảng dữ liệu(PDF) 267 Page - Advanced Micro Devices

tên linh kiện AMD-K6-2E/233AMZ
Giải thích chi tiết về linh kiện  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ bảng dữ liệu(HTML) 267 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 263Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 264Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 265Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 266Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 267Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 268Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 269Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 270Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 271Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 332 page
background image
Chapter 13
Clock Control
249
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
13.2
Halt State
Enter Halt State
During the execution of the HLT instruction, the AMD-K6-2E
processor executes a Halt special cycle. After BRDY# is
sampled asserted during this cycle, and then EWBE# is also
sampled asserted (if not masked off), the processor enters the
Halt state in which the processor disables most of its internal
clock distribution.
To support the following operations, the internal phase-lock
loop (PLL) continues to run, and some internal resources are
still clocked in the Halt state:
s
Inquire Cycles—The processor continues to sample AHOLD,
BOFF#, and HOLD to support inquire cycles that are
initiated by the system logic. The processor transitions to
the Stop Grant Inquire state during the inquire cycle. After
returning to the Halt state following the inquire cycle, the
processor does not execute another Halt special cycle.
s
Flush Cycles—The processor continues to sample FLUSH#.
If FLUSH# is sampled asserted, the processor performs the
flush operation in the same manner as it is performed in the
Normal state. Upon completing the flush operation, the
processor executes the Halt special cycle which indicates
the processor is in the Halt state.
s
Time Stamp Counter (TSC)—The TSC continues to count in
the Halt state.
s
Signal Sampling—The processor continues to sample INIT,
INTR, NMI, RESET, and SMI#.
After entering the Halt state, all signals driven by the processor
retain their state as they existed following the completion of
the Halt special cycle.
Exit Halt State
The AMD-K6-2E processor remains in the Halt state until it
samples INIT, INTR (if interrupts are enabled), NMI, RESET, or
SMI# asserted. If any of these signals is sampled asserted, the
processor returns to the Normal state and performs the
corresponding operation. All of the normal requirements for
recognition of these input signals apply within the Halt state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com