công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMD-K6-2E/233AMZ bảng dữ liệu(PDF) 151 Page - Advanced Micro Devices

tên linh kiện AMD-K6-2E/233AMZ
Giải thích chi tiết về linh kiện  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ bảng dữ liệu(HTML) 151 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 147Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 148Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 149Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 150Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 151Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 152Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 153Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 154Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 155Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 332 page
background image
Chapter 6
Bus Cycles
133
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
6
Bus Cycles
The following sections describe and illustrate the timing and
relationship of bus signals during various types of bus cycles. A
representative set of bus cycles is illustrated.
6.1
Timing Diagrams
The timing diagrams illustrate the signals on the external local
bus as a function of time, as measured by the bus clock (CLK).
Bus Clock (CLK)
Throughout this chapter, the term clock refers to a single
bus-clock cycle. A clock extends from one rising CLK edge to
the next rising CLK edge. The processor samples and drives
most signals relative to the rising edge of CLK. The exceptions
to this rule include the following:
s
BF[2:0]—Sampled on the falling edge of RESET
s
FLUSH#—Sampled on the falling edge of RESET, also
sampled on the rising edge of CLK
s
All inputs and outputs are sampled relative to TCK in
boundary-scan test mode. Inputs are sampled on the rising
edge of TCK, outputs are driven off of the falling edge of
TCK.
Waveform
Definitions
For each signal in the timing diag rams, the High level
represents 1, the Low level represents 0, and the Middle level
represents the floating (high-impedance) state.
When both the High and Low levels are shown, the meaning
depends on the signal:
s
A single signal indicates ‘don’t care’.
s
In the case of bus activity, if both High and Low levels are
shown, it indicates that the processor, alternate master, or
system logic is driving a value, but this value may or may not
be valid. (For example, the value on the address bus is valid
only during the assertion of ADS#, but addresses are also
driven on the bus at other times.)
Figure 50 defines the different waveform representations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com