công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E11 bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TUSB2E11
Giải thích chi tiết về linh kiện  TUSB2E11 USB 2.0-eUSB2 Repeater
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E11 bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button TUSB2E11 Datasheet HTML 9Page - Texas Instruments TUSB2E11 Datasheet HTML 10Page - Texas Instruments TUSB2E11 Datasheet HTML 11Page - Texas Instruments TUSB2E11 Datasheet HTML 12Page - Texas Instruments TUSB2E11 Datasheet HTML 13Page - Texas Instruments TUSB2E11 Datasheet HTML 14Page - Texas Instruments TUSB2E11 Datasheet HTML 15Page - Texas Instruments TUSB2E11 Datasheet HTML 16Page - Texas Instruments TUSB2E11 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
7.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
USB INPUT LEVELS LS/FS
VIH
High (driven)
Receiver Characteristics
(1) (measured at
the connector)
2
V
VIHZ
High (floating)
Receiver Characteristics
(1) (HOST
downstream port pull-down resistor
enabled and external device pull up 1.5
kΩ ± 5% to 3.0-3.6 V)
2.7
3.6
V
VIL
Low
Receiver Characteristics
(1)
0.8
V
VDI
Differential Input Sensitivity (hysteresis
is off)
|(D+)-(D-)|; Differential Input Sensitivity
Range for Low-/full-speed
(1); (measured
at connector) VCM=0.8 V to 2.0 V
0.2
V
USB OUTPUT LEVELS LS/FS
VOL
Low
USB Driver Characteristics
(1), (measured
at connector with RL of 1.425 kΩ to 3.6
V. )
0
0.3
V
VOH
High (Driven)
USB Driver Characteristics
(1), (measured
at the connector with RL of 14.25 kΩ to
GND. )
2.8
3.6
V
ZFSTERM
Driver Series Output Resistance
USB Driver Characteristics
(1), measured
it during VOL or VOH
28
44
Ω
VCRS2
Output Signal Crossover Voltage
Measured as in Data Signal Rise and
Fall Time
(1), excluding the first transition
from the Idle state. With external 1.5
kΩ pull up on DP to 3.0 V
1.3
2
V
VCRS
Output Signal Crossover Voltage
Measured as in Data Signal Rise and
Fall Time
(1), excluding the first transition
from the Idle state
1.3
2
V
USB INPUT LEVELS HS
VHSSQ
High-speed squelch/no-squelch
detection threshold
Full-/High-speed Signaling
Level
(1), specification refers to peak
differential signal amplitude), measured
at 240 MHz with increasing amplitude,
U_SQUELCH_THRESHOLD_Px setting
011, VCM= -50 mV to 500 mV
111
128
161
mV
VHSSQ
High-speed squelch/no-squelch
detection threshold
Full-/High-speed Signaling
Levels
(1), (specification refers to peak
differential signal amplitude), measured
at 240 MHz with increasing amplitude,
U_SQUELCH_THRESHOLD_Px setting
100, VCM= -50 mV to 500 mV
104
125
150
mV
VHSDSC
High-speed disconnect detection
threshold
Full-/High-speed Signaling
Levels
(1), (specification refers to
differential signal amplitude). (HW
Default),
U_DISCONNECT_THRESHOLD_Px
setting 0000, VCM=200 mV to 600 mV
525
575
625
mV
VHSDSC
High-speed disconnect detection
threshold
Full-/High-speed Signaling
Levels
(1) (specification refers to
differential signal amplitude). (+25.6%),
U_DISCONNECT_THRESHOLD_Px
setting 1000, VCM=280 mV to 680 mV
685
757
846
mV
EQ_UHS
USB high-speed data receiver
equalization, (measured indirectly
through jitter)
240 MHz, U_EQ_Px setting 000
−0.37
0.06
0.57
dB
www.ti.com
TUSB2E11
SLLSFI4B – NOVEMBER 2021 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TUSB2E11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com