công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E11 bảng dữ liệu(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TUSB2E11
Giải thích chi tiết về linh kiện  TUSB2E11 USB 2.0-eUSB2 Repeater
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E11 bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button TUSB2E11 Datasheet HTML 12Page - Texas Instruments TUSB2E11 Datasheet HTML 13Page - Texas Instruments TUSB2E11 Datasheet HTML 14Page - Texas Instruments TUSB2E11 Datasheet HTML 15Page - Texas Instruments TUSB2E11 Datasheet HTML 16Page - Texas Instruments TUSB2E11 Datasheet HTML 17Page - Texas Instruments TUSB2E11 Datasheet HTML 18Page - Texas Instruments TUSB2E11 Datasheet HTML 19Page - Texas Instruments TUSB2E11 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
7.5 Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VEHSSQ
Squelch/No-squelch detect threshold
High-Speed Rx Electrical
Specification
(2), (measured as
differential peak voltage at 240
MHz with increasing amplitude)
E_SQUELCH_THRESHOLD_Px setting
110, VCM = 120 mV to 450 mV
47
67
83
mV
EQ_EHS
eUSB2 high-speed data receiver
equalization, (measured indirectly
through jitter)
240 MHz E_EQ_P1x setting 0000
−0.2
0.34
0.73
dB
eUSB2 HS OUTPUT LEVELS
VEHSOD
Transmit differential (terminated)
Measured p2p, RL = 80 Ω,
E_HS_TX_AMPLITUDE_ Px setting
011, ideal 80 Ω Rx differential
termination load
378
420
462
mV
E_TXPE
High-speed TX Pre-emphasis
E_HS_TX_PRE_EMPHASIS_Px setting
000
−0.2
0
0.2
dB
E_TXPE_UI
High-speed TX Pre-emphasis width
E_HS_TX_PE_WIDTH_Px setting 00
0.29
0.40
0.59
UI
VE_TX_CM
Transmit DC common mode
High-Speed Tx Electrical Specification
(2)
170
230
mV
(1)
USB 2.0 Promoter Group 2000, USB 2.0 Specification USB 2.0 Promoter Group
(2)
USB Implementers Forum (2018). Embedded USB2 (eUSB2) Physical Layer Supplement to the USB Revision 2.0 Specification, Rev.
1.2 USB Implementers Forum
7.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
USB (DP, DN), HS Driver Switching Characteristics
THSR
Rise time (10% – 90%)
Data Signal Rise and Fall, Eye
Patterns
(1), U_HS_TX_SLEW_RATE_Px
setting 11, ideal 45 Ω to GND loads on
DP and DN, pre-emphasis disabled.
530
625
740
ps
THSF
Fall time (10% – 90%)
Data Signal Rise and Fall, Eye Patterns,
U_HS_TX_SLEW_RATE_Px setting 11,
ideal 45 Ω to GND loads on DP and DN,
pre-emphasis disabled.
530
625
740
ps
USB (DP, DN), FS Driver Switching Characteristics
TFR
Rise time (10% – 90%)
Data Signal Rise and Fall Time and Full-
speed Load
(1)
4
20
ns
TFF
Fall time (10% – 90%)
Data Signal Rise and Fall Time and Full-
speed Load
(1)
4
20
ns
TFRFM
(TFR/TFM)
Data Signal Rise and Fall, Eye
Patterns
(1), excluding the first transition
from the Idle state
90
111.1
%
USB (DP, DN), LS Driver Switching Characteristics
TLR
Rise time (10% – 90%)
Data Signal Rise and Fall Time and Full-
speed Load
(1)
75
300
ns
TLF
Fall time (10% – 90%)
Data Signal Rise and Fall Time and Full-
speed Load
(1)
75
300
ns
eUSB2 (eDP, eDN), HS Driver Switching Characteristics
TEHSRF
Rise/fall time (20% – 80%)
Full-Speed/Low-Speed Electrical
Specification
(2) , ideal 80 Ω Rx differential
termination E_HS_TX_SLEW_RATE_Px
setting = 01
355
440
525
ps
TUSB2E11
SLLSFI4B – NOVEMBER 2021 – REVISED AUGUST 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB2E11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com