công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E11 bảng dữ liệu(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TUSB2E11
Giải thích chi tiết về linh kiện  TUSB2E11 USB 2.0-eUSB2 Repeater
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E11 bảng dữ liệu(HTML) 43 Page - Texas Instruments

Back Button TUSB2E11 Datasheet HTML 39Page - Texas Instruments TUSB2E11 Datasheet HTML 40Page - Texas Instruments TUSB2E11 Datasheet HTML 41Page - Texas Instruments TUSB2E11 Datasheet HTML 42Page - Texas Instruments TUSB2E11 Datasheet HTML 43Page - Texas Instruments TUSB2E11 Datasheet HTML 44Page - Texas Instruments TUSB2E11 Datasheet HTML 45Page - Texas Instruments TUSB2E11 Datasheet HTML 46Page - Texas Instruments TUSB2E11 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
Table 11-20. INT_STATUS_2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
0
Reserved
R
0h
Reserved
11.1.19 CONFIG_PORT1 Register (Offset = 60h) [Reset = 00h]
CONFIG_PORT1 is shown in CONFIG_PORT1 Register Field Descriptions.
Return to the Summary Table.
Table 11-21. CONFIG_PORT1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
Reserved
R
0h
Reserved
4-3
HOST_DEVICE_P1
RH
0h
Port1 is configured as a Host repeater or a Device repeater
0h = not configured
1h = host repeater
2h = device repeater
3h = reserved
2-1
Reserved
R
0h
Reserved
0
CDP_2_STATUS_P1
RH
0h
Primary detection detected on port1 if CDP_2_EN_P1=1
0h = CDP primary detection detected
1h = CDP primary detection not detected
11.1.20 TEST_MODE1 Register (Offset = F5h) [Reset = 3Xh]
TEST_MODE1 is shown in TEST_MODE1 Register Field Descriptions.
Return to the Summary Table.
Table 11-22. TEST_MODE1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
Reserved
R/W
0h
Reserved, make sure to rewrite what was read
3
FORCE_HS_L0
R/W
0h
Force repeater into high-speed L0 state for test purposes only.
0h = normal repeater mode (setting this bit to 0 will not return the
device to normal repeater mode, the device needs to be hard reset,
soft reset or power cycled)
1h = forced high-speed L0 mode
2-0
Reserved
R/W
Xh
Variant ID.
00h = 1.2V I/O
02h = 1.8V I/O
Must not change the value, rewrite the value that is read.
www.ti.com
TUSB2E11
SLLSFI4B – NOVEMBER 2021 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: TUSB2E11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com