công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E11 bảng dữ liệu(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TUSB2E11
Giải thích chi tiết về linh kiện  TUSB2E11 USB 2.0-eUSB2 Repeater
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E11 bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button TUSB2E11 Datasheet HTML 35Page - Texas Instruments TUSB2E11 Datasheet HTML 36Page - Texas Instruments TUSB2E11 Datasheet HTML 37Page - Texas Instruments TUSB2E11 Datasheet HTML 38Page - Texas Instruments TUSB2E11 Datasheet HTML 39Page - Texas Instruments TUSB2E11 Datasheet HTML 40Page - Texas Instruments TUSB2E11 Datasheet HTML 41Page - Texas Instruments TUSB2E11 Datasheet HTML 42Page - Texas Instruments TUSB2E11 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
Return to the Summary Table.
Table 11-13. REV_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
REV_ID
RH
02h
Device revision.
01h = A0
02h = B0
03h = B1
11.1.12 GLOBAL_CONFIG Register (Offset = B2h) [Reset = 0h]
GLOBAL_CONFIG is shown in Table 11-14.
Return to the Summary Table.
Table 11-14. GLOBAL_CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SOFT_RST
HWtoP
0h
Writing a 1 to this field is equivalent to pulsing RESETB low
6
DISABLE_P1
R/W
0h
Disabled Mode Repeater 1 (I2C will remain Active)
(If port is not disconnected, wait until disconnect event to disable the
repeater)
0h = repeater enabled
1h = repeater disabled
5
Reserved
R
0h
Reserved
4
GPIO2_OUT_TYPE
R/W
0h
GPIO2 output type
0h = open drain
1h = push-pull
3
GPIO2_POLARITY
R/W
0h
GPIO2 pin polarity in push-pull mode only (open drain mode will
always be active low)
0h = active high
1h = active low
2-0
Reserved
R
0h
Reserved
11.1.13 INT_ENABLE_1 Register (Offset = B3h) [Reset = 00h]
INT_ENABLE_1 is shown in INT_ENABLE_1 Register Field Descriptions.
Return to the Summary Table.
Table 11-15. INT_ENABLE_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
GPIO1_RISING_EDGE
R/W
0h
INT_GPIO1_RISING_EDGE enable.
When GPIO1_IN_TRIGGER_TYPE = 0 (Edge), this enables interrupt
on Rising Edge of GPIO1.
When GPIO1_IN_TRIGGER_TYPE = 1 (Level), this enables
interrupt when GPIO1 = High.
0h = not enabled
1h = enabled
6
GPIO1_FALLING_EDGE
R/W
0h
INT_GPIO1_FALLING_EDGE enable.
When GPIO1_IN_TRIGGER_TYPE = 0 (Edge), this enables interrupt
on Falling Edge of GPIO1.
When GPIO1_IN_TRIGGER_TYPE = 1 (Level), this enables
interrupt when GPIO1 = Low.
0h = not enabled
1h = enabled
5
Reserved
R
0h
Reserved
4
Reserved
R
0h
Reserved
www.ti.com
TUSB2E11
SLLSFI4B – NOVEMBER 2021 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TUSB2E11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com