công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E11 bảng dữ liệu(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TUSB2E11
Giải thích chi tiết về linh kiện  TUSB2E11 USB 2.0-eUSB2 Repeater
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E11 bảng dữ liệu(HTML) 46 Page - Texas Instruments

Back Button TUSB2E11 Datasheet HTML 42Page - Texas Instruments TUSB2E11 Datasheet HTML 43Page - Texas Instruments TUSB2E11 Datasheet HTML 44Page - Texas Instruments TUSB2E11 Datasheet HTML 45Page - Texas Instruments TUSB2E11 Datasheet HTML 46Page - Texas Instruments TUSB2E11 Datasheet HTML 47Page - Texas Instruments TUSB2E11 Datasheet HTML 48Page - Texas Instruments TUSB2E11 Datasheet HTML 49Page - Texas Instruments TUSB2E11 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
Table 12-1. Design Parameters for High Loss USB 2.0 System Using I2C (continued)
PARAMETER
VALUE(1)
USB 2.0 TX Pre-emphasis
U_HS_TX_PRE_EMPHASIS_P1
(Offset = 71h)
3Ch
2.1 dB
USB 2.0 RX Equalization
U_RX_ADJUST_PORT1
(Offset = 72h)
92h
1.09 dB
USB 2.0 HS host disconnect threshold (peak differential)
U_DISCONNECT_SQUELCH_PORT1
(Offset = 73h)
83h
685 mV
USB 2.0 HS squelch/RX sensitivity threshold (peak differential)
U_DISCONNECT_SQUELCH_PORT1
(Offset = 73h)
83h
111 mV
Table 12-2. Design Parameters for Medium Loss USB 2.0 System Using I2C
PARAMETER
VALUE(1)
VDD3V3
3.3 V ±10%
VDD1V8
1.8 V ±5%
I2C support required in system (Yes or No)
Yes
Parameter
Register
Setting
Value
USB 2.0 TX Swing (peak to peak)
U_TX_ADJUST_PORT1
(Offset = 70h)
79h
920 mVp-p
USB 2.0 TX Pre-emphasis
U_HS_TX_PRE_EMPHASIS_P1
(Offset = 71h)
39h
0.9 dB
USB 2.0 RX Equalization
U_RX_ADJUST_PORT1
(Offset = 72h)
92h
1.09 dB
USB 2.0 HS host disconnect threshold (peak differential)
U_DISCONNECT_SQUELCH_PORT1
(Offset = 73h)
83h
685 mV
USB 2.0 HS squelch/RX sensitivity threshold (peak differential)
U_DISCONNECT_SQUELCH_PORT1
(Offset = 73h)
83h
111 mV
(1)
These parameters are starting values for a high loss system. Further tuning might be required based on specific loss profile and
measurements.
Table 12-3. Design Parameters for Medium Loss USB 2.0 System without I2C and Configured for Charger
Detection
PARAMETER
VALUE(1)
VDD3V3
3.3 V ±10%
VDD1V8
1.8 V ±5%
I2C support required in system (Yes or No)
No
SCL (pull-down resistor to ground)
1.65 kΩ
SDA (pull-down resistor to ground)
100 kΩ
SDA (pull-up resistor to VBUS5V)
324 kΩ
Parameter
GPIO0
GPIO1
GPIO2
Value
USB 2.0 TX Swing (peak to peak)
Float
Pull-up
Pull-up
920 mVp-p
USB 2.0 TX Pre-emphasis
Float
Pull-up
Pull-up
0.9 dB
USB 2.0 RX Equalization
Float
Pull-up
Pull-up
1.09 dB
USB 2.0 HS host disconnect threshold (peak differential)
Float
Pull-up
Pull-up
685 mV
USB 2.0 HS squelch/RX sensitivity threshold (peak differential)
Float
Pull-up
Pull-up
98 mV
(1)
These parameters are starting values for a medium loss system. Further tuning might be required based on specific loss profile and
measurements.
TUSB2E11
SLLSFI4B – NOVEMBER 2021 – REVISED AUGUST 2023
www.ti.com
46
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB2E11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com