công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E11 bảng dữ liệu(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TUSB2E11
Giải thích chi tiết về linh kiện  TUSB2E11 USB 2.0-eUSB2 Repeater
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E11 bảng dữ liệu(HTML) 36 Page - Texas Instruments

Back Button TUSB2E11 Datasheet HTML 32Page - Texas Instruments TUSB2E11 Datasheet HTML 33Page - Texas Instruments TUSB2E11 Datasheet HTML 34Page - Texas Instruments TUSB2E11 Datasheet HTML 35Page - Texas Instruments TUSB2E11 Datasheet HTML 36Page - Texas Instruments TUSB2E11 Datasheet HTML 37Page - Texas Instruments TUSB2E11 Datasheet HTML 38Page - Texas Instruments TUSB2E11 Datasheet HTML 39Page - Texas Instruments TUSB2E11 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
Table 11-7. U_RX_ADJUST_PORT1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
Reserved
RH/W
9h
Reserved
3
Reserved
RH/W
0h
Reserved
2-0
U_EQ_P1
RH/W
2h
0h = 0.06 dB (typical) (B0 OTP default)
1h = 0.58 dB (typical)
2h = 1.09 dB (typical) (B1 OTP default)
3h = 1.56 dB (typical)
4h = 2.26 dB (typical)
5h = 2.67 dB (typical)
6h = 3.03 dB (typical)
7h = 3.35 dB (typical)
11.1.6 U_DISCONNECT_SQUELCH_PORT1 Register (Offset = 73h) [Reset = 83h]
U_DISCONNECT_SQUELCH_PORT1 is shown in Table 11-8.
Return to the Summary Table.
Hardware default value can be overridden through factory programmable OTP for this register.
Table 11-8. U_DISCONNECT_SQUELCH_PORT1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
U_DISCONNECT_THRES
HOLD_P1
RH/W
8h
0h = 525 mV (minimum), 0% (B0 OTP default)
1h = 545 mV (minimum), +4%
2h = 565 mV (minimum), +8%
3h = 585 mV (minimum), +11%
4h = 605 mV (minimum), +15%
5h = 625 mV (minimum), +19%
6h = 645 mV (minimum), +23%
7h = 665 mV (minimum), +27%
8h = 685 mV (minimum) (B1 OTP default), +31%
9h = 705 mV (minimum), +34%
Ah = 725 mV (minimum), +38%
Bh = 745 mV (minimum), +42%
Ch = 765 mV (minimum), +46%
Dh = 785 mV (minimum), +50%
Eh = 805 mV (minimum), +53%
Fh = 825 mV (minimum), +57%
3
Reserved
RH/W
0h
Reserved
2-0
U_SQUELCH_THRESHO
LD_P1
RH/W
3h
0h = 130 mV (minimum), +30%
1h = 124 mV (minimum), +24%
2h = 117 mV (minimum), +17%
3h = 111 mV (minimum), +11% (B1 OTP default)
4h = 104 mV (minimum), +4% (B0 OTP default)
5h = 98 mV (minimum), −2%
6h = 91 mV (minimum), −9%
7h = 85 mV (minimum), −15%
11.1.7 E_HS_TX_PRE_EMPHASIS_P1 Register (Offset = 77h) [Reset = 0h]
E_HS_TX_PRE_EMPHASIS_P1 is shown in Table 11-9.
Return to the Summary Table.
Hardware default value can be overridden through factory programmable OTP for this register.
TUSB2E11
SLLSFI4B – NOVEMBER 2021 – REVISED AUGUST 2023
www.ti.com
36
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB2E11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com