công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC705E5GRS/D bảng dữ liệu(PDF) 121 Page - NXP Semiconductors

tên linh kiện HC705E5GRS/D
Giải thích chi tiết về linh kiện  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D bảng dữ liệu(HTML) 121 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 117Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 118Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 119Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 120Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 121Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 122Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 123Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 124Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 125Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 148 page
background image
Instruction Set
Instruction Types
MC68HC705E5 — Rev. 1.0
General Release Specification
Instruction Set
14.4.2 Read-Modify-Write Instructions
These instructions read a memory location or a register, modify its
contents, and write the modified value back to the memory location or to
the register.
NOTE:
Do not use read-modify-write operations on write-only registers.
1. Unlike other read-modify-write instructions, BCLR and
BSET use only direct addressing.
2. TST is an exception to the read-modify-write sequence be-
cause it does not write a replacement value.
Table 14-2. Read-Modify-Write Instructions
Instruction
Mnemonic
Arithmetic Shift Left (Same as LSL)
ASL
Arithmetic Shift Right
ASR
Bit Clear
BCLR(1)
Bit Set
BSET(1)
Clear Register
CLR
Complement (One’s Complement)
COM
Decrement
DEC
Increment
INC
Logical Shift Left (Same as ASL)
LSL
Logical Shift Right
LSR
Negate (Two’s Complement)
NEG
Rotate Left through Carry Bit
ROL
Rotate Right through Carry Bit
ROR
Test for Negative or Zero
TST(2)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More