| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC705E5GRS/D bảng dữ liệu(PDF) 107 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705E5GRS/D bảng dữ liệu(HTML) 107 Page - NXP Semiconductors |
|
107 / 148 page ![]() MC68HC705E5 — Rev. 1.0 General Release Specification User EPROM General Release Specification — MC68HC705E5 Section 13. User EPROM 13.1 Contents 13.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .107 13.3 Bootloader Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .107 13.4 Programming Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .112 13.5 Mask Option Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .113 13.2 Introduction The user EPROM consists of 5120 bytes of EPROM from $0B00 to $1EFF and 16 bytes of user vectors from $1FF0 to $1FFF. The bootloader ROM and vectors are located from $1F01 to $1FEF. All of the user vectors, $1FF2 through $1FFF, are dedicated to reset and interrupt vectors. Location $1F00 is the mask option register (MOR). 13.3 Bootloader Mode Bootloader mode is entered upon the rising edge of RESET if the IRQ is at VTST and the PB1 pin is at logic 1. The bootloader code resides in the ROM from $1F01 to $1FEF. This program handles copying of user code from an external EPROM into the on-chip EPROM. The bootload function does not have to be done from an external EPROM, but it may be done from a host. The user code must be a one-to-one correspondence with the internal EPROM addresses. NOTE: The MCU designer must disable the COP hardware in bootloader mode. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |