| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC08KL8GRS/D bảng dữ liệu(PDF) 98 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC08KL8GRS/D bảng dữ liệu(HTML) 98 Page - NXP Semiconductors |
|
98 / 256 page ![]() System Integration Module (SIM) General Release Specification MC68HC08KL8 — Rev. 2.0 System Integration Module (SIM) NOTE: External crystal applications should use the full stop recovery time by not selecting the SSREC option. A break interrupt during stop mode sets the SIM break stop/wait bit (SBSW) in the break status register (BSR). The SIM counter is held in reset from the execution of the STOP instruction until the beginning of stop recovery. It is then used to time the recovery period. Figure 8-17 shows stop mode entry timing. NOTE: To minimize stop current, all pins configured as inputs should be driven to a logic 1 or logic 0. Figure 8-17. Stop Mode Entry Timing Figure 8-18. Stop Mode Recovery from Interrupt or Break STOP ADDR + 1 SAME SAME IAB IDB PREVIOUS DATA NEXT OPCODE SAME STOP ADDR SAME R/W CPUSTOP NOTE: Previous data can be operand data or the STOP opcode, depending on the last instruction. CGMXCLK INT/BREAK IAB STOP + 2 STOP + 2 SP SP – 1 SP – 2 SP – 3 STOP +1 STOP RECOVERY PERIOD Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |