công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HC08KL8GRS/D bảng dữ liệu(PDF) 78 Page - NXP Semiconductors

tên linh kiện HC08KL8GRS/D
Giải thích chi tiết về linh kiện  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC08KL8GRS/D bảng dữ liệu(HTML) 78 Page - NXP Semiconductors

Back Button HC08KL8GRS/D Datasheet HTML 74Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 75Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 76Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 77Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 78Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 79Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 80Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 81Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 256 page
background image
System Integration Module (SIM)
General Release Specification
MC68HC08KL8 — Rev. 2.0
System Integration Module (SIM)
8.7
Low-Power Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .96
8.7.1
Wait Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .96
8.7.2
Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .97
8.8
SIM Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .99
8.8.1
Break Status Register . . . . . . . . . . . . . . . . . . . . . . . . . . . .99
8.8.2
Reset Status Register . . . . . . . . . . . . . . . . . . . . . . . . . . . .101
8.8.3
Break Flag Control Register . . . . . . . . . . . . . . . . . . . . . . .102
8.2 Introduction
This section describes the system integration module (SIM), which
supports up to 16 external and/or internal interrupts. Together with the
CPU, the SIM controls all MCU activities. The SIM is a system state
controller that coordinates CPU and exception timing. A block diagram
of the SIM is shown in Figure 8-1. Figure 8-2 is a summary of the SIM
I/O registers.
The SIM is responsible for:
•
Bus clock generation and control for CPU and peripherals
–
Stop/wait/reset/break entry and recovery
–
Internal clock control
•
Master reset control, including power-on reset (POR) and
computer operating properly (COP) timeout
•
Interrupt control:
–
Acknowledge timing
–
Arbitration control timing
–
Vector address generation
•
CPU enable/disable timing
•
Modular architecture expandable to 128 interrupt sources
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com