| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC08KL8GRS/D bảng dữ liệu(PDF) 51 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC08KL8GRS/D bảng dữ liệu(HTML) 51 Page - NXP Semiconductors |
|
51 / 256 page ![]() MC68HC08KL8 — Rev. 2.0 General Release Specification Read-Only Memory (ROM) General Release Specification — MC68HC08KL8 Section 4. Read-Only Memory (ROM) 4.1 Contents 4.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .51 4.3 Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .51 4.2 Introduction This section describes the 8 KBytes of read-only memory (ROM) and 16 bytes of user vectors. 4.3 Functional Description An unprogrammed or erased location reads as $00. These addresses are user ROM locations: • $DE00–$FDFF • $FFF0–$FFFF (These locations are reserved for user-defined interrupt and reset vectors.) NOTE: A security feature prevents viewing of the ROM contents.1 1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or copying the ROM contents difficult for unauthorized users. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |