| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC08KL8GRS/D bảng dữ liệu(PDF) 80 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC08KL8GRS/D bảng dữ liệu(HTML) 80 Page - NXP Semiconductors |
|
80 / 256 page ![]() System Integration Module (SIM) General Release Specification MC68HC08KL8 — Rev. 2.0 System Integration Module (SIM) NOTE: Writing to a reserved address can have unpredictable effects on MCU operation. Addr. Register Name Bit 7 6 5 4 3 2 1 0 $FE00 Break Status Register (BSR) Read: R R R RRR SBSW R Write: Note 1 Reset: 0 $FE01 Reset Status Register (RSR) Read: POR PIN COP ILOP ILAD USB 0 0 Write: POR: 1 0 0 0 0 0 0 0 $FE03 Break Flag Control Register (BFCR) Read: BCFE R R R R R R R Write: Reset: 0 $FE04 Interrupt Status Register 1 (INT1) Read: IF6 IF5 IF4 IF3 IF2 IF1 0 0 Write: R R R R R R R R Reset: 0 0 0 0 0 0 0 0 $FE05 Interrupt Status Register 2 (INT2) Read: IF14 IF13 IF12 IF11 IF10 IF9 IF8 IF7 Write: R R R R R R R R Reset: 0 0 0 0 0 0 0 0 Note 1. Writing a logic 0 clears SBSW. = Unimplemented R = Reserved Figure 8-2. SIM Register Summary Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |